Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP64100Q Datasheet (PDF) - Diodes Incorporated

AP64100Q Datasheet PDF - Diodes Incorporated
Part # AP64100Q
Download  AP64100Q Download
File Size   1473.33 Kbytes
Page   26 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY

AP64100Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AP64100Q Datasheet PDF - Diodes Incorporated

Part # AP64100Q
Download  AP64100Q Click to download

File Size   1473.33 Kbytes
Page   26 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY

AP64100Q Datasheet (HTML) - Diodes Incorporated


AP64100Q Product details

Features
- AEC-Q100 Qualified for Automotive Applications
- Device Temperature Grade 1: -40°C to +125°C TA Range
- VIN: 3.8V to 40V
- Output Voltage (VOUT): 0.8V to VIN
- 1A Continuous Output Current
- 0.8V ± 1% Reference Voltage
- 25μA Low Quiescent Current (Pulse Frequency Modulation)
- Adjustable Switching Frequency: 100kHz to 2.2MHz
- External Clock Synchronization: 100kHz to 2.2MHz
- Up to 88% Efficiency at 5mA Light Load
- Proprietary Gate Driver Design for Best EMI Reduction
- Frequency Spread Spectrum (FSS) to Reduce EMI
- Low-Dropout (LDO) Mode
- Precision Enable Threshold to Adjust UVLO
- Protection Circuitry
- Undervoltage Lockout (UVLO)
- Output Overvoltage Protection (OVP)
- Cycle-by-Cycle Peak Current Limit
- Thermal Shutdown
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- The AP64100Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.

Applications
- Automotive Power Systems
- Automotive Infotainment
- Automotive Instrument Clusters
- Automotive Telematics
- Automotive Lighting Control
- Advanced Driver Assistance Systems




Similar Part No. - AP64100Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP64100Q DIODES-AP64100Q Datasheet
382Kb / 2P
40V, 1A and 2A, Synchronous Buck Converters Deliver High Efficiency for Automotive Point-of-Load Applications
AP64100Q DIODES-AP64100Q Datasheet
922Kb / 2P
40V, 600mA, Synchronous Buck Converter Delivers High Efficiency in Automotive Point of Load ( PoL ) Applications
AP64100QSP-13 DIODES-AP64100QSP-13 Datasheet
382Kb / 2P
40V, 1A and 2A, Synchronous Buck Converters Deliver High Efficiency for Automotive Point-of-Load Applications
More results


Similar Description - AP64100Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP64100 DIODES-AP64100 Datasheet
1Mb / 26P
3.8V TO 40V INPUT, 1A LOW IQ SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 March 2021
AP64102Q DIODES-AP64102Q_V01 Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 July 2021
AP64200Q DIODES-AP64200Q_V01 Datasheet
1Mb / 26P
AUTOMOTIVE-COMPLIANT, 40V, 2A SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
Rev. 1 - 2 July 2021
AP64202Q DIODES-AP64202Q_V01 Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 40V, 2A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 July 2021
AP64350Q DIODES-AP64350Q_V01 Datasheet
1Mb / 26P
AUTOMOTIVE-COMPLIANT, 40V, 3.5A SYNCHRONOUS BUCK WITH PROGRAMMABLE FREQUENCY
Rev. 1 - 2 June 2020
AP64351Q DIODES-AP64351Q_V01 Datasheet
1Mb / 26P
AUTOMOTIVE-COMPLIANT, 40V, 3.5A SYNCHRONOUS BUCK WITH PROGRAMMABLE SOFT-START TIME
Rev. 1 - 2 June 2020
AP64352Q DIODES-AP64352Q_V01 Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 40V, 3.5A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 June 2020
AP64500Q DIODES-AP64500Q_V01 Datasheet
1Mb / 26P
AUTOMOTIVE-COMPLIANT, 40V, 5A SYNCHRONOUS BUCK WITH PROGRAMMABLE FREQUENCY
Rev. 1 - 2 December 2020
AP64501Q DIODES-AP64501Q_V01 Datasheet
1Mb / 26P
AUTOMOTIVE-COMPLIANT, 40V, 5A SYNCHRONOUS BUCK WITH PROGRAMMABLE SOFT-START TIME
Rev. 1 - 2 December 2020
AP64502Q DIODES-AP64502Q_V01 Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 40V, 5A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
Rev. 1 - 2 December 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com