Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP64100Q Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP64100Q
Description  AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64100Q Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP64100Q Datasheet HTML 5Page - Diodes Incorporated AP64100Q Datasheet HTML 6Page - Diodes Incorporated AP64100Q Datasheet HTML 7Page - Diodes Incorporated AP64100Q Datasheet HTML 8Page - Diodes Incorporated AP64100Q Datasheet HTML 9Page - Diodes Incorporated AP64100Q Datasheet HTML 10Page - Diodes Incorporated AP64100Q Datasheet HTML 11Page - Diodes Incorporated AP64100Q Datasheet HTML 12Page - Diodes Incorporated AP64100Q Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
AP64100Q
Document number: DS43575 Rev. 1 - 2
9 of 26
www.diodes.com
July 2021
© Diodes Incorporated
AP64100Q
Typical Performance Characteristics (AP64100Q @ TA = +25°C, VIN = 12V, VOUT = 5V, fSW = 500kHz (RT = 200kΩ ± 1%),
BOM = Table 1, unless otherwise specified.) (continued)
Figure 16. Output Voltage Ripple, VOUT = 3.3V, IOUT = 50mA
Figure 17. Output Voltage Ripple, VOUT = 3.3V, IOUT = 1A
Figure 18. Load Transient, IOUT = 50mA to 500mA to 50mA
Figure 19. Load Transient, IOUT = 500mA to 1A to 500mA
Figure 20. Load Transient, IOUT = 50mA to 1A to 50mA
7
μs/div
VOUTAC (50mV/div)
IL (500mA/div)
VSW (10V/div)
VOUTAC (20mV/div)
IL (1A/div)
VSW (10V/div)
2
μs/div
VOUTAC (500mV/div)
IOUT (500mA/div)
100μs/div
VOUTAC (200mV/div)
IOUT (500mA/div)
100μs/div
VOUTAC (500mV/div)
IOUT (500mA/div)
100μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com