Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP64100Q Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP64100Q
Description  AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64100Q Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP64100Q Datasheet HTML 10Page - Diodes Incorporated AP64100Q Datasheet HTML 11Page - Diodes Incorporated AP64100Q Datasheet HTML 12Page - Diodes Incorporated AP64100Q Datasheet HTML 13Page - Diodes Incorporated AP64100Q Datasheet HTML 14Page - Diodes Incorporated AP64100Q Datasheet HTML 15Page - Diodes Incorporated AP64100Q Datasheet HTML 16Page - Diodes Incorporated AP64100Q Datasheet HTML 17Page - Diodes Incorporated AP64100Q Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
AP64100Q
Document number: DS43575 Rev. 1 - 2
14 of 26
www.diodes.com
July 2021
© Diodes Incorporated
AP64100Q
Application Information (continued)
10
Setting the Output Voltage
The AP64100Q has adjustable output voltages, starting from 0.8V, using an external resistive divider. The resistor values of the feedback network
are selected based on a design trade-off between efficiency and output voltage accuracy. There is less current consumption in the feedback
network for high resistor values, which improves efficiency at light loads. However, values too high cause the device to be more susceptible to
noise affecting its output voltage accuracy. R1 can be determined by the following equation:
������������ = ������������ ∙ (
������������������������
������. ������������
− ������)
Eq. 6
Table 1 shows a list of recommended component selections for common AP64100Q output voltages referencing Figure 1.
Table 1. Recommended Components Selections, fSW = 500kHz
AP64100Q
Output Voltage
(V)
R1
(k
Ω)
R2
(k
Ω)
L
(µH)
C1
(µF)
C2
(µF)
C3
(nF)
C4
(pF)
R5
(kΩ)
C5
(nF)
C6
(pF)
1.2
4.99
10
6.8
2 x 10
22
100
OPEN
1.69
10
OPEN
1.5
8.66
10
8.2
2 x 10
22
100
OPEN
2.10
10
OPEN
1.8
12.40
10
10.0
2 x 10
22
100
OPEN
2.55
10
OPEN
2.5
21.50
10
10.0
2 x 10
22
100
OPEN
3.48
10
OPEN
3.3
31.60
10
15.0
2 x 10
22
100
OPEN
4.64
10
OPEN
5.0
52.30
10
15.0
2 x 10
22
100
OPEN
6.98
10
OPEN
12.0
140.00
10
33.0
2 x 10
22
100
OPEN
11.3
10
OPEN
11
Adjusting Switching Frequency
The switching frequency of the AP64100Q can be set through either of two modes, Resistor Timing or External Clock Synchronization.
In Resistor Timing mode, a resistor is placed between the RT/CLK pin to ground and sets the switching frequency over a wide range from 100kHz
to 2.2MHz. The RT/CLK pin voltage is typically 0.5V. The RT/CLK pin cannot be left floating. The RT resistance required for a given switching
frequency is calculated by:
������������[������������] =
������������������������������������
������������������[������������������]
Eq. 7
Where:
RT is the resistance in kΩ
fSW is the switching frequency in kHz between 100kHz to 2.2MHz
FSS is enabled when setting the switching frequency through Resistor Timing mode.
In External Clock Synchronization mode, the switching frequency synchronizes to an external clock applied to the RT/CLK pin. The
synchronization frequency range is also 100kHz to 2.2MHz, and the rising edge of SW synchronizes to the falling edge of the external clock at the
RT/CLK pin with a typical 66ns delay. An internal PLL locks the internal switching frequency to that of the external clock signal. An external square
wave clock signal supplied at the RT/CLK pin must have a logic high level greater than 3.5V, a logic low level less than 0.4V, and a pulse width of
at least 80ns.
FSS is disabled when setting the switching frequency through External Clock Synchronization mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com