Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP64100Q Datasheet(PDF) 17 Page - Diodes Incorporated

Part # AP64100Q
Description  AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64100Q Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button AP64100Q Datasheet HTML 13Page - Diodes Incorporated AP64100Q Datasheet HTML 14Page - Diodes Incorporated AP64100Q Datasheet HTML 15Page - Diodes Incorporated AP64100Q Datasheet HTML 16Page - Diodes Incorporated AP64100Q Datasheet HTML 17Page - Diodes Incorporated AP64100Q Datasheet HTML 18Page - Diodes Incorporated AP64100Q Datasheet HTML 19Page - Diodes Incorporated AP64100Q Datasheet HTML 20Page - Diodes Incorporated AP64100Q Datasheet HTML 21Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
AP64100Q
Document number: DS43575 Rev. 1 - 2
17 of 26
www.diodes.com
July 2021
© Diodes Incorporated
AP64100Q
Application Information (continued)
16
External Loop Compensation Design
When the COMP pin is not connected to GND, the COMP pin is active for external loop compensation. The regulator uses a constant frequency,
peak current mode control architecture to achieve a fast loop response. The inductor is not considered as a state variable since its peak current is
constant. Thus, the system becomes a single-order system. For loop stabilization, it is simpler to design a Type II compensator for current mode
control than it is to design a Type III compensator for voltage mode control. Peak current mode control has an inherent input voltage feed-forward
function to achieve good line regulation. Figure 28 shows the small signal model of the synchronous buck regulator.
+
–
1:D
in
L
Rc
COUT
-Av(S)
He(S)
Ro
+
SE
Fm
RT
K(S)
L
comp
Tv(S)
in
o
Ti(S)
Figure 28. Small Signal Model of Buck Regulator
Where:
Tv(S) is the voltage loop
Ti(S) is the current loop
K(S) is the voltage sense gain
-Av(S) is the feedback compensation gain
He(S) is the current sampling function
Fm is the PWM comparator gain
Vin is the DC input voltage
D is the duty cycle
Rc is the ESR of the output capacitor, COUT
Ro is the output load resistance
v̂in is the AC small-signal input voltage
îin is the AC small-signal input current
d̂ is the modulation of the duty cycle
îL is the AC small signal of the inductor current
v̂o is the AC small signal of output voltage
v̂comp is the AC small signal voltage of the compensation network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com