Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP64100Q Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP64100Q
Description  AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64100Q Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP64100Q Datasheet HTML 11Page - Diodes Incorporated AP64100Q Datasheet HTML 12Page - Diodes Incorporated AP64100Q Datasheet HTML 13Page - Diodes Incorporated AP64100Q Datasheet HTML 14Page - Diodes Incorporated AP64100Q Datasheet HTML 15Page - Diodes Incorporated AP64100Q Datasheet HTML 16Page - Diodes Incorporated AP64100Q Datasheet HTML 17Page - Diodes Incorporated AP64100Q Datasheet HTML 18Page - Diodes Incorporated AP64100Q Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
AP64100Q
Document number: DS43575 Rev. 1 - 2
15 of 26
www.diodes.com
July 2021
© Diodes Incorporated
AP64100Q
Application Information (continued)
11
Adjusting Switching Frequency (continued)
RT
RT/CLK
External
Clock
Oscillator
with PLL
CLK
Figure 27. Switching Between Resistor Timing and External Clock Synchronization Modes
In applications where both Resistor Timing and External Clock Synchronization modes are required, the device can be configured as shown in
Figure 27. Before an external clock signal is available at the RT/CLK pin, the device operates in Resistor Timing mode. When an external clock is
supplied to the RT/CLK pin, the device automatically transitions from Resistor Timing mode to External Clock Synchronization mode typically
within
85μs. When the external clock signal is disconnected from the RT/CLK pin, the device’s switching frequency returns to being set in Resistor
Timing mode. When switching between Resistor Timing and External Clock Synchronization modes, it is recommended that the external clock
signal is within ±25% of the frequency controlling the device in Resistor Timing mode to prevent large changes in switching frequency within the
device.
12
Inductor
Calculating the inductor value is a critical factor in designing a buck converter. For most designs, the following equation can be used to calculate
the inductor value:
������ =
������������������������ ∙ (������������������ − ������������������������)
������������������ ∙ ∆������������ ∙ ������������������
Eq. 8
Where:
∆IL is the inductor current ripple
fSW is the buck converter switching frequency
For the AP64100Q
, choose ∆IL to be 30% to 40% of the maximum load current of 1A.
The inductor peak current is calculated by:
������������
������������������������ = ������������������������������ +
∆������������
������
Eq. 9
Peak current determines the required saturation current rating, which influences the size of the inductor. Saturating the inductor decreases the
converter efficiency while increasing the temperatures of the inductor and the internal power MOSFETs. Therefore, choosing an inductor with the
appropriate saturation current rating is important. For most applications, it is recommended to select an inductor of approximately 6.8µH to 33µH
with a DC current rating of at least 35% higher than the maximum load current. For highest efficiency, the inductor’s DC resistance should be less
than 5
0mΩ. Use a larger inductance for improved efficiency under light load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com