Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP64100Q Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP64100Q
Description  AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64100Q Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP64100Q Datasheet HTML 2Page - Diodes Incorporated AP64100Q Datasheet HTML 3Page - Diodes Incorporated AP64100Q Datasheet HTML 4Page - Diodes Incorporated AP64100Q Datasheet HTML 5Page - Diodes Incorporated AP64100Q Datasheet HTML 6Page - Diodes Incorporated AP64100Q Datasheet HTML 7Page - Diodes Incorporated AP64100Q Datasheet HTML 8Page - Diodes Incorporated AP64100Q Datasheet HTML 9Page - Diodes Incorporated AP64100Q Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
AP64100Q
Document number: DS43575 Rev. 1 - 2
6 of 26
www.diodes.com
July 2021
© Diodes Incorporated
AP64100Q
Electrical Characteristics (@ TJ = +25°C, VIN = 12V, unless otherwise specified. Min/Max limits apply across the recommended
operating junction temperature range, -40°C to +150°C, and input voltage range, 3.8V to 40V, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
ISHDN
Shutdown Supply Current
VEN = 0V
—
1
—
μA
IQ
Quiescent Supply Current
VEN = Floating,
R2 = OPEN, No Load,
VBST - VSW = 5V
—
25
—
μA
POR
VIN Undervoltage Rising Threshold
—
—
3.5
3.7
V
UVLO
VIN Undervoltage Falling Threshold
—
—
3.1
—
V
RDS(ON)1
High-Side Power MOSFET On-Resistance (Note 8)
—
—
150
—
mΩ
RDS(ON)2
Low-Side Power MOSFET On-Resistance (Note 8)
—
—
80
—
mΩ
IPEAK_LIMIT
HS Peak Current Limit (Note 8)
—
1.5
2.2
3.5
A
IVALLEY_LIMIT
LS Valley Current Limit (Note 8)
—
—
2.2
—
A
IPFMPK
PFM Peak Current Limit
—
—
400
—
mA
IZC
Zero Cross Current Threshold
—
—
60
—
mA
fRANGE_RT
Frequency Range Using RT (Note 8)
—
100
—
2200
kHz
fSW
Oscillator Frequency
RT = 200kΩ (±1%)
430
500
570
kHz
fRANGE_CLK
Frequency Range Using External CLK (Note 8)
—
100
—
2200
kHz
tON_MIN
Minimum On-Time
—
—
100
—
ns
VFB
Feedback Voltage
CCM
0.792
0.800
0.808
V
VEN_H
EN Logic High Threshold
—
—
1.18
1.25
V
VEN_L
EN Logic Low Threshold
—
1.03
1.09
—
V
IEN
EN Input Current
VEN = 1.5V
—
5.5
—
μA
VEN = 1V
1
1.5
2
μA
tSS
Soft-Start Time
—
—
2
—
ms
TSD
Thermal Shutdown (Note 8)
—
—
+160
—
°C
THys
Thermal Shutdown Hysteresis (Note 8)
—
—
+25
—
°C
Note:
8. Compliance to the datasheet limits is assured by one or more methods: production test, characterization, and/or design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com