Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP64100Q Datasheet(PDF) 25 Page - Diodes Incorporated

Part # AP64100Q
Description  AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64100Q Datasheet(HTML) 25 Page - Diodes Incorporated

Back Button AP64100Q Datasheet HTML 18Page - Diodes Incorporated AP64100Q Datasheet HTML 19Page - Diodes Incorporated AP64100Q Datasheet HTML 20Page - Diodes Incorporated AP64100Q Datasheet HTML 21Page - Diodes Incorporated AP64100Q Datasheet HTML 22Page - Diodes Incorporated AP64100Q Datasheet HTML 23Page - Diodes Incorporated AP64100Q Datasheet HTML 24Page - Diodes Incorporated AP64100Q Datasheet HTML 25Page - Diodes Incorporated AP64100Q Datasheet HTML 26Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
AP64100Q
Document number: DS43575 Rev. 1 - 2
25 of 26
www.diodes.com
July 2021
© Diodes Incorporated
AP64100Q
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-8EP
SO-8EP
Dim
Min
Max
Typ
A
1.40
1.50
1.45
A1
0.00
0.13
-
b
0.30
0.50
0.40
C
0.15
0.25
0.20
D
4.85
4.95
4.90
E
3.80
3.90
3.85
E0
3.85
3.95
3.90
E1
5.90
6.10
6.00
e
-
-
1.27
F
2.75
3.35
3.05
H
2.11
2.71
2.41
L
0.62
0.82
0.72
N
-
-
0.35
Q
0.60
0.70
0.65
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-8EP
Dimensions
Value
(in mm)
C
1.270
X
0.802
X1
3.502
X2
4.612
Y
1.505
Y1
2.613
Y2
6.500
Mechanical Data
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per MIL-STD-202, Method 208
Weight: 0.081 grams (Approximate)
1
b
e
9°( All sid
e)
N
R 0
.1
7°
D
E0
E
L
Seating Plane
Gauge Plane
F
E XPOS E D PAD
C
Y1
X1
X
Y
Y2
X2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com