Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP64100Q Datasheet(PDF) 23 Page - Diodes Incorporated

Part # AP64100Q
Description  AUTOMOTIVE-COMPLIANT, 40V, 1A SYNCHRONOUS BUCK WITH ADJUSTABLE FREQUENCY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64100Q Datasheet(HTML) 23 Page - Diodes Incorporated

Back Button AP64100Q Datasheet HTML 18Page - Diodes Incorporated AP64100Q Datasheet HTML 19Page - Diodes Incorporated AP64100Q Datasheet HTML 20Page - Diodes Incorporated AP64100Q Datasheet HTML 21Page - Diodes Incorporated AP64100Q Datasheet HTML 22Page - Diodes Incorporated AP64100Q Datasheet HTML 23Page - Diodes Incorporated AP64100Q Datasheet HTML 24Page - Diodes Incorporated AP64100Q Datasheet HTML 25Page - Diodes Incorporated AP64100Q Datasheet HTML 26Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
AP64100Q
Document number: DS43575 Rev. 1 - 2
23 of 26
www.diodes.com
July 2021
© Diodes Incorporated
AP64100Q
Layout
PCB Layout
1.
The AP64100Q works at 1A load current so heat dissipation is a major concern in the layout of the PCB. 2oz copper for both the top and
bottom layers is recommended.
2.
Place the input capacitors as closely across VIN and GND as possible.
3.
Place the inductor as close to SW as possible.
4.
Place the output capacitors as close to GND as possible.
5.
Place the feedback components as close to FB as possible.
6.
If using four or more layers, use at least the 2nd and 3rd layers as GND to maximize thermal performance.
7.
Add as many vias as possible around both the GND pin and under the GND plane for heat dissipation to all the GND layers.
8.
Add as many vias as possible around both the VIN pin and under the VIN plane for heat dissipation to all the VIN layers.
9.
See Figure 34 for more details.
C5
EXPOSED PAD
BST
VIN
EN
RT/CLK
FB
COMP
GND
SW
C2
C3
R1
R2
R5
RT
VOUT
GND
SW
VIN
Figure 34. Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com