Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-3151G-R3BE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FPM-3151G-R3BE
Description  15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and Wide Operating Temperature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-3151G-R3BE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FPM-3151G-R3BE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-3151G-R3BE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Industrial Monitors
Dimensions
FPM-3151G
Rackmount (FPM-3151G-RMKE)
Optional Accessories
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1700000596-11
Power Cable China/Australia Plug 1.8 M
ƒ
FPM-1000T-SMKE
Desktop/Wall Mounting kit for FPM series
ƒ
96PSA-A60W12V1-1
Adapter 100-240V 60W 12V 5A
ƒ
96PSA-A60W24T2
Adapter 100-240V 60W 24V 2.5A
ƒ
FPM-3001G-ADKE
Adapter bracket for FPM-3000 15"/17"/19"
Panel Cutout Dimensions: 392 x 292 mm (15.43 x 11.49 in)
I/O View
422.00 [16.61]
70.00 [2.76]
10.00
[0.39]
390.00 [15.35]
100.00 [3.94]
75.00 [2.95]
M3
M3
M3
M3
M3
M3
M3
M3
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
M4 Depth=8mm
Touchscreen (RS-232)
DVI-D
Touchscreen (USB)
100 ~ 240 VAC Power Adapter
24 VDC Input
VGA Port
Unit: mm [inch]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com