Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-3151G-R3BE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-3151G-R3BE
Description  15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and Wide Operating Temperature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-3151G-R3BE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-3151G-R3BE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-3151G-R3BE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.advantech.com/products
Online Download
Features
FPM-3151G
Specifications
General
ƒ
OSD Controls
OSD control pad on front panel with lockable function
Two user-defined contrast/brightness settings
ƒ
Certification
CE, FCC Class A, BSMI, CCC, UL, Energy Star
ƒ
Dimensions (W x H x D) 422 x 310 x 70 mm (16.61 x 12.2 x 2.76 in)
ƒ
Enclosure
Front panel: Aluminum with hard anodizing coating
Rear cover: Stainless steel with
ground isolation protection
ƒ
Mount Options
Panel, wall, desktop, VESA arm
ƒ
Power Input
Phoenix Jack: 24 VDC input
DC Jack: 12 VDC input
ƒ
Power Consumption
12W +20%
ƒ
Video Port
VGA & DVI-D Port
ƒ
Weight (Net)
7.73 kg (17.04 lbs)
LCD Display
ƒ
Display Type
XGA TFT LCD
ƒ
Backlight Type
LED
ƒ
Display Size
15"
ƒ
Max. Resolution
1024 x 768
ƒ
Max. Color
16.2M (RGB 8-bit)
ƒ
Viewing Angle (H/V °) 160/140
ƒ
Luminance (cd/m2)
350
ƒ
Backlight Life
50,000 hr
ƒ
Contrast Ratio
700:1
ƒ 15" XGA TFT LED LCD with 50K backlight lifetime
ƒ Robust anodized aluminum-coated front bezel and stainless steel rear cover
ƒ Wide operating temperature range (-20 ~ 60 °C/-4 ~ 140 °F)
ƒ Increased reliability with enhanced 5-wire resistive touch sensor
ƒ Anti-glare screen with tempered glass and IP65-certified front panel
ƒ Ground isolation protection for entire system
ƒ Supports VGA/DVI input, dual touch interfaces, and two power inputs
ƒ Front-lockable OSD keys with user-defined functions
ƒ IP65-rated front panel
ƒ Supports panel, VESA, wall, desktop, and stand mounting
Touchscreen
ƒ
Driver
Penmount 6000
ƒ
Type
5-wire resistive with enhanced ITO film
ƒ
Interface
USB & RS-232 (Combo)
ƒ
Lifespan
36 million with a silicone rubber R8 finger,
writing rate is by 250g at 2 times/s
ƒ
Light Transmission
> 80%
ƒ
OS Support
Windows XP,2000,Vista,7,8/8.1,10 , XP/7/8/10
Embedded,CE,Linux
ƒ
Power Consumption
+5 V @ 100 mA
ƒ
Touch Resolution
Linearity
Environment
ƒ
Operating Temperature -20 ~ 60 °C (-4 ~ 140 °F)
ƒ
Storage Temperature
-30 ~ 80 °C (-22 ~ 176 °F)
ƒ
Humidity (Storage)
90% @ 50 °C non-condensing
ƒ
IP Rating
Front panel is IP65 compliant
ƒ
Shock
11ms, 10G (Non Operating, Half Sine Wave)
ƒ
Vibration
5 ~ 500 Hz, 1 Grms (Operating, Random)
Ordering Information
ƒ
FPM-3151G-R3BE
15" XGA Ind. Monitor w/ Wide Temp, Resistive TS
15" XGA Industrial Monitor with
Resistive Touch Control, Direct VGA, DVI
Ports, and Wide Operating Temperature
Introduction
The FPM-3151G is an extremely rugged and reliable 15" XGA industrial monitor aimed at diverse industrial applications. Equipped with a hard anodized-aluminum coating, stainless
steel chassis, and wide operating temperature range (-20 ~ 60 °C/-4 ~ 140 °F), FPM-3151G can withstand operation in a wide range of harsh industrial environments. This monitor
also features enhanced 5-wire resistive touch control and overall ground isolation protection to enhance the system’s reliability. Additionally, the FPM-3151G is equipped with lockable
OSD keys on the front panel that control two user-defined function settings.
All product specifications are subject to change without notice.
Last updated: 27-Jun-2018


Similar Part No. - FPM-3151G-R3BE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3151G-R3AE ADVANTECH-FPM-3151G-R3AE Datasheet
368Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI Ports, and Wide Operating Temperature
More results

Similar Description - FPM-3151G-R3BE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-3150G ADVANTECH-FPM-3150G Datasheet
651Kb / 2P
15 XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-5151G ADVANTECH-FPM-5151G Datasheet
505Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
FPM-3151G ADVANTECH-FPM-3151G_15 Datasheet
368Kb / 2P
15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI Ports, and Wide Operating Temperature
FPM-3171G ADVANTECH-FPM-3171G_V01 Datasheet
352Kb / 2P
8U Rackmount, 17 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and a Wide Operating Temperature Range
27-Jun-2018
FPM-3191G ADVANTECH-FPM-3191G_V01 Datasheet
342Kb / 2P
9U Rackmount, 19 SXGA Industrial Monitor with Resistive Touch Control, Direct VGA, and DVI Ports
8-Sep-2020
FPM-7061T ADVANTECH-FPM-7061T Datasheet
529Kb / 2P
6.5 VGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature
27-Jun-2018
FPM-7121T ADVANTECH-FPM-7121T Datasheet
451Kb / 2P
12.1 XGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature Range
27-Jun-2018
FPM-5191G ADVANTECH-FPM-5191G Datasheet
404Kb / 2P
15 XGA/17 SXGA/19 SXGA Industrial Monitors with Resistive Touch Control, Direct VGA, and DVI Ports
27-Jun-2018
FPM-3121G ADVANTECH-FPM-3121G Datasheet
379Kb / 2P
12.1 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and Wide Operating Temperature
18-Feb-2022
FPM-7151T ADVANTECH-FPM-7151T Datasheet
447Kb / 2P
15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA/DP, and Wide Operating Temperature Range
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com