Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

968LS3SS03 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # 968LS3SS03
Description  Intel® Core™ i7/i3/Celeron® Control IPC w/ 2 x GbE, 2 x mPCIe, VGA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

968LS3SS03 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  968LS3SS03 Datasheet HTML 1Page - Advantech Co., Ltd. 968LS3SS03 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
APAX-5580
Ordering Information
ƒ
APAX-5580-4C3AE
Intel Celeron 1.6 GHz with 4 GB memory, no external
expansion slot
ƒ
APAX-5580-433AE
Intel Core i3 1.7 GHz with 4 GB memory, no external
expansion slot
ƒ
APAX-5580-474AE
Intel Core i7 1.7 GHz with 8 GB memory, no external
expansion slot
Accessories
ƒ
PWR-244-AE
96W AC to DC power adapter
ƒ
1702002600
Power Cable US Plug 1.8 M
ƒ
1702002605
Power Cable EU Plug 1.8 M
ƒ
1702031801
Power Cable UK Plug 1.8 M
ƒ
1700000596
Power Cable China/Australia Plug 1.8
ƒ
SQF-SMSM4-XG-S8E
SQFlash 820 series mSATA MLC 16/32/64/128G
(-40 ~ 85°C)
iDoor Modules for APAX-5435
ƒ
PCM-24R2PE-AE
Intel i350, GbE, PoE IEEE 802.3af, PD, RJ45 x 2
ƒ
PCM-2300MR-AE
MR4A16B, 2MByte
ƒ
PCM-26D1PB-AE
Hilscher netX100 FieldBus, ProfiBus, DB9 x 1
ƒ
PCM-26D2CA-AE
SJA1000 CANBus, CANopen, DB9 x 1
ƒ
PCM-24S2WF-AE
802.11 a/b/g/n 2T2R w/ BT4.0, Atheros AR9462
ƒ
PCM-24S33G-AE
6-band HSPA Cellular Module, SIM holder+GPS
ƒ
PCM-26R2PN-MAE
Hilscher netX100 FieldBus, PROFINET, RJ45 x2
ƒ
PCM-26R2EC-MAE
Hilscher netX100 FieldBus, ETHERCAT, RJ45 x2
Expansion Modules
ƒ
APAX-5402-E2A0AE
2 expansion slots to support APAX-5490, APAX-5435,
APAX-5430
ƒ
APAX-5402-E2A1AE
2 expansion slots with APAX bus
ƒ
APAX-5402L-E2A2AE
2 expansion slots with APAX bus (EtherIO)
ƒ
APAX-5490-IP4AE
4x RS-232/422/485 communication module
ƒ
APAX-5435
APAX iDoor expansion module
ƒ
APAX-5430
APAX SATA interface module
Embedded OS & Automation Software
ƒ
2070013551
WES7P X64 Eng. for 5580
ƒ
2070013554
WES7P X64 MUI. for 5580
ƒ
2070013654
WES7P X86 ENG. for 5580
ƒ
2070013656
WES7P X86 MUI. for 5580
ƒ
968LS3SS02
CODESYS V3 RTE
ƒ
968LS3SS03
CODESYS V3 RTE + TV*
ƒ
968LS3SS05
CODESYS V3 RTE + TV* and WV**
*TV: Target Visualization
**WV: Web Visualization
Dimensions
Unit: mm
Expansion Module
APAX-5402 series
Backplane Module
APAX-5002 series
225.90
171.50
117.00
54.40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com