Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

968LS3SS03 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 968LS3SS03
Description  Intel® Core™ i7/i3/Celeron® Control IPC w/ 2 x GbE, 2 x mPCIe, VGA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

968LS3SS03 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  968LS3SS03 Datasheet HTML 1Page - Advantech Co., Ltd. 968LS3SS03 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Control IPCs
Features
APAX-5580 Intel®Core™i7/i3/Celeron®ControlIPC
w/ 2 x GbE, 2 x mPCIe, VGA
I/O Interfaces
ƒ
Serial Ports
1 x RS-232/422/485, DB9, 50 ~ 115.2kbps
ƒ
LAN Ports
2 x RJ45, 10/100/1000 Mbps IEEE 802.3u 1000Base-T
Fast Ethernet
ƒ
USB Ports
4 x USB ports (2 x USB 2.0, 2 x USB 3.0 compliant )
1 x internal USB
ƒ
Display
1 x VGA, supports 1920 X 1080 @ 60 Hz 24 bpp
ƒ
Audio
Line-out
ƒ
Power Connector
Dual power input and UPS support
ƒ
Grounding Protection
Chassis grounding
Environment
ƒ
Operating Temperature -10 ~ 60°C (-4 ~ 140°F) @ 5 ~ 85% RH with 0.7m/s
airflow
ƒ
Storage Temperature
-40 ~ 85°C (-40 ~ 185°F)
ƒ
Relative Humidity
10 ~ 95% RH @ 40°C, non-condensing
ƒ
Shock Protection
Operating, IEC 60068-2-27, 50G, half sine, 11 ms
ƒ
Vibration Protection
Operating, IEC 60068-2-64, 2 Grms, random, 5 ~ 500 Hz,
1hr/axis (mSATA)
ƒ 4th generation Intel® Core™ i7/i3/Celeron processors up to 1.7 GHz with
4GB/8GB DDR3L memory
ƒ 2 x GbE, 4 x USB 2.0/3.0, 1 x RS-232 /422/485, 1 x VGA, Audio
ƒ Dual power input and UPS support
ƒ Compact with fanless design
ƒ Supports Fieldbus protocol by iDoor technology
ƒ 3G/GPS/GPRS/Wi-Fi communication by mPCIe
ƒ Chassis grounding protection
ƒ LAN redundancy (teaming)
ƒ Fault-protected RS-485 transceivers with extended common-mode range
ƒ One button system recovery
ƒ 10 year lifetime RTC battery
Specifications
General
ƒ
Certification
CE, FCC, UL
ƒ
Dimensions (W X H X D) 117 x 148.5 x 106 mm
ƒ
Form Factor
Regular size
ƒ
Enclosure
Aluminum housing
ƒ
Mounting
DIN-rail, Wall mount
ƒ
Weight (Net)
1.8 kg (4.0 lbs)
ƒ
Power Requirement
24 VDC ± 20%
ƒ
Power Consumption
28 W (Typical), 72 W (Max)
ƒ
OS Support
Microsoft® Windows 7/8, Linux Kernel 3.X
System Hardware
ƒ
BIOS
AMI UEFI 128Mbit Flash BIOS
ƒ
Watchdog Timer
Programmable 256 levels timer interval, from 1 to 255
sec
ƒ
Processor
Intel® Core™ i7-4650U ULT 1.7GHz Haswell Dual Core,
4MB L2
Intel® Core™ i3-4010U ULT 1.7GHz Haswell Dual Core,
3MB L2
Intel® Celeron 2980U ULT 1.6GHz Haswell Dual Core,
2MB L2
ƒ
System Chip
Integrated Intel 8 series chipset
ƒ
Memory
On-board 4GB (8GB optional)
ƒ
Graphics Engine
Intel® HD graphics 5000/4400
ƒ
Ethernet
Intel® i210-IT GbE, 802.1Qav, IEEE1588/802.1AS,
802.3az
Intel® i218-LM GbE, Intel® AMT, IEEE1588/802.1AS,
802.3az
ƒ
LED Indicators
LEDs for power, battery, LAN (Active, Status), Tx/Rx and
HDD
ƒ
Storage
1 x mSATA, 1 x SD, 1 x SD (for OS backup)
ƒ
Expansion
1 x Full-size mPCIe slot, 1 x Half-size mPCIe slot,
mPCIe 2.0
Introduction
Advantech's APAX-5580 is a powerful Control IPC with an Intel Core i7/i3/Celeron CPU. It is the ideal open control platform to be combined with APAX I/O modules, and features
flexible I/O expansion, real-time I/O control, network capability through various interfaces, and support dual power input for robust power system. It also has a built-in standard mini
PCI express interface for wireless communication and Advantech's iDoor technology. The APAX-5580 is the best solution for data gateway, concentrator and data server applications,
its seamless integration with I/O can save costs and fulfill a diverse range of automation projects.
Application Software
Version : V3
CODESYS is the world lead PC-based control software which
support IEC 61131-3 and real-time fieldbus, such as EtherCAT,
PROFINET, Ethernet/IP and Modbus. Also it integrates the local
and remote visualization function within one software, it can
help to short the time and cost.
Version : V7.1 or above
WebAccess, as the core of Advantech’s IoT solution, is full web
browser-based software package for HMI and SCADA software.
All HMI and SCADA software features including: Animated
Graphics Displays, Real-time Data, Control, Trends, Alarms
and Logs, are available in a standard web browser. WebAccess
is built around the latest internet technologies. With its open
architecture, vertical domain applications can easily be
integrated.
NEW
®
UL
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 10-Feb-2017


Similar Part No. - 968LS3SS03

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
968 WECO-968 Datasheet
97Kb / 1P
PCB connector Screw connection, large conductor space
11.17
logo
Amphenol Corporation
968-4200-A1D AMPHENOL-968-4200-A1D Datasheet
440Kb / 2P
BACKPLANE POWER ASSEMBLY XCEDE HD 4 PAIR, GEN 2 MINI COMPLIANT
04-24-2014
968-4200-A1E AMPHENOL-968-4200-A1E Datasheet
440Kb / 2P
BACKPLANE POWER ASSEMBLY XCEDE HD 4 PAIR, GEN 2 MINI COMPLIANT
04-24-2014
968-4200-A1H AMPHENOL-968-4200-A1H Datasheet
440Kb / 2P
BACKPLANE POWER ASSEMBLY XCEDE HD 4 PAIR, GEN 2 MINI COMPLIANT
04-24-2014
968-4200-A1J AMPHENOL-968-4200-A1J Datasheet
440Kb / 2P
BACKPLANE POWER ASSEMBLY XCEDE HD 4 PAIR, GEN 2 MINI COMPLIANT
04-24-2014
More results

Similar Description - 968LS3SS03

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
APAX-5580 ADVANTECH-APAX-5580_15 Datasheet
252Kb / 1P
Intel짰 Core??i7/i3/Celeron DIN-Rail IPC w/ 2 x GbE, 2 x mPCIe, VGA
UNO-2483G ADVANTECH-UNO-2483G_15 Datasheet
596Kb / 2P
Intel짰 Core??i7/i3/Celeron Regular-Size Automation Computer w/ 4 x GbE,3 x mPCIe, HDMI/VGA
UNO-3483G ADVANTECH-UNO-3483G_15 Datasheet
868Kb / 2P
Intel짰 Core??i7 Control Cabinet PC w/ 2 x GbE, 2 x mPCIe, HDMI/VGA
AMAX-5580 ADVANTECH-AMAX-5580 Datasheet
2Mb / 2P
Intel® Core™ i7/i5/Celeron® Control IPC With EtherCAT Slice IO Expansion
19-Oct-2020
UNO-2272G ADVANTECH-UNO-2272G Datasheet
737Kb / 2P
Intel® Atom™/Celeron® Palm-Size Automation Computer with 1 x GbE, 2 x mPCIe, VGA/HDMI
6-Jan-2021
UNO-3272G ADVANTECH-UNO-3272G Datasheet
1,000Kb / 2P
Intel® Celeron J1900 Automation Computer with 2 PCI(e) Expansion Slots, 2 x GbE, 1 x mPCIe, HDMI, VGA
6-Jan-2021
UNO-3283G ADVANTECH-UNO-3283G Datasheet
1Mb / 3P
Intel® Core™ i7/ i5/ i3 Automation Computer with 2/4 PCI(e) Expansion Slots, 2 x GbE, 2 x mPCIe, HDMI, DVI-I
10-Aug-2022
UNO-3285C ADVANTECH-UNO-3285C Datasheet
755Kb / 2P
Intel® Core™ i7/Celeron G3902E Automation Computer with 4 PCI(e) expansion slots, 2 x GbE, 2 x mPCIe, HDMI, DVI-I
12-Apr-2021
UNO-2484G-V2 ADVANTECH-UNO-2484G-V2 Datasheet
984Kb / 4P
Intel® Core™ 11th i7/i5/i3/Celeron® Processor Modular Box PC with 4 x GbE, 4 x USB, 2 x M.2, 2 x mPCIe, HDMI 1.4, DP1.4a
2-Dec-2022
AIMB-787 ADVANTECH-AIMB-787 Datasheet
644Kb / 2P
LGA1200 10th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with DP/DVI/VGA, DDR4, USB 3.2, M.2
4-Jan-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com