Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSMA201XSA Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # CSMA201XSA
Description  2.0Amp. Glass Passivated Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSMA201XSA Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  CSMA201XSA Datasheet HTML 1Page - Cystech Electonics Corp. CSMA201XSA Datasheet HTML 2Page - Cystech Electonics Corp. CSMA201XSA Datasheet HTML 3Page - Cystech Electonics Corp. CSMA201XSA Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C342SA
Issued Date : 2003.08.19
Revised Date :2003.12.05
Page No. : 1/4
CSMA20XSA
CYStek Product Specification
2.0Amp. Glass Passivated Diodes
CSMA20XSA Series
Features
• For surface mounted applications.
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0
• Low leakage current
• High surge capability
• High temperature soldering: 250°C/10 seconds at terminals
• Exceeds environmental standards of MIL-S-19500/228
Mechanical Data
• Case: Molded plastic, SMA/JEDEC DO-214AC
• Terminals: Solder plated, solderable per MIL-STD-750 method 2026
• Polarity: Indicated by cathode band.
• Packaging: 12mm tape per EIA STD RS-481.
• Weight: 0.064 gram, 0.002 ounce
Maximum Ratings and Electrical Characteristics
(
Rating at 25
°C ambient temperature unless otherwise specified. )
Parameter
Symbol
Spec
Type
CSMA
201
CSMA
202
CSMA
203
CSMA
204
CSMA
205
CSMA
206
CSMA
207
Units
Repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VR
50
100
200
400
600
800
1000
V
Maximum instantaneous
forward voltage, IF=2A (Note 1)
VF
1.1
1.1
1.1
1.1
1.1
1.1
1.1
V
Average forward rectified current
IO
2
A
Peak forward surge current @8.3ms
single half sine wave superimposed
on rated load (JEDEC method)
IFSM
50
A
Maximum DC reverse current
VR=VRRM,TA=25℃(Note 1)
VR=VRRM,TA=125℃(Note 1)
IR
5
125
µA
µA
Maximum thermal resistance,
Junction to ambient
Rth,JA
53 (typ)
℃
/W
Diode junction capacitance (Note 2)
CJ
30(typ)
pF
Storage temperature
Tstg
-55 ~ +150
℃
Operating temperature
TJ
-55 ~ +150
℃
Notes : 1. Pulse test, pulse width=300μsec, 2% duty cycle
2 . f=1MHz and applied 4.0VDC reverse voltage.


Similar Part No. - CSMA201XSA

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CSMA1 ITT-CSMA1 Datasheet
85Kb / 1P
SMA Straight Connectors, Crimp Type for Braided Cable
CSMA3 ITT-CSMA3 Datasheet
95Kb / 1P
SMA Straight Connectors, Direct Solder (Cable Conductor used as Center Contact) Type for Semi-Rigid Cable
logo
Cystech Electonics Corp...
CSMA3100SA CYSTEKEC-CSMA3100SA Datasheet
144Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
CSMA320 CYSTEKEC-CSMA320 Datasheet
144Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
CSMA320-3100SA CYSTEKEC-CSMA320-3100SA Datasheet
144Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
More results

Similar Description - CSMA201XSA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBJ2005 SECOS-GBJ2005 Datasheet
301Kb / 2P
2.0AMP Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
FR201G LUGUANG-FR201G Datasheet
179Kb / 2P
2.0AMP. Glass Passivated Fast Recovery Rectifiers
logo
First Components Intern...
SFS21G FCI-SFS21G Datasheet
613Kb / 2P
2.0Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
logo
Cystech Electonics Corp...
SF27G CYSTEKEC-SF27G Datasheet
241Kb / 3P
2.0Amp. Glass Passivated Super Fast Rectifiers
logo
Sangdest Microelectroni...
KBP2005G SMC-KBP2005G Datasheet
158Kb / 4P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
UG2KB05 DYELEC-UG2KB05_17 Datasheet
1Mb / 3P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
2A07G LUGUANG-2A07G Datasheet
1Mb / 2P
2.0AMP. Glass Passivated Rectifiers
ES2MA LUGUANG-ES2MA Datasheet
1Mb / 2P
2.0AMP Glass Passivated Super Fast Rectifiers
ES2MB LUGUANG-ES2MB Datasheet
1Mb / 2P
2.0AMP Glass Passivated Super Fast Rectifiers
logo
SMC Diode Solutions Co....
KBP2005G SMCDIODE-KBP2005G Datasheet
403Kb / 5P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com