Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBP2005G Datasheet (PDF) - SMC Diode Solutions Co. LTD

KBP2005G Datasheet PDF - SMC Diode Solutions Co. LTD
Part # KBP2005G
Download  KBP2005G Download
File Size   403.96 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER

KBP2005G Datasheet (PDF)

Go To PDF Page Download Datasheet
KBP2005G Datasheet PDF - SMC Diode Solutions Co. LTD

Part # KBP2005G
Download  KBP2005G Click to download

File Size   403.96 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER

KBP2005G Datasheet (HTML) - SMC Diode Solutions Co. LTD


KBP2005G Product details

Features
Glass passivated die construction
Low forward voltage drop
High current capability
High surge current capability
Plastic material-UL flammability 94V-0
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - KBP2005G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
KBP2005G DIODES-KBP2005G Datasheet
52Kb / 2P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21205 Rev. F-2
KBP2005G DIODES-KBP2005G Datasheet
75Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21205 Rev. 10 - 2
logo
SeCoS Halbleitertechnol...
KBP2005G SECOS-KBP2005G Datasheet
157Kb / 2P
VOLTAGE 50V ~ 1000V 2 AMP Bridge Rectifiers
logo
Compact Technology Corp...
KBP2005G CTC-KBP2005G Datasheet
53Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diotech Company.
KBP2005G DIOTECH-KBP2005G Datasheet
848Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results


Similar Description - KBP2005G

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
KBP2005G SMC-KBP2005G Datasheet
158Kb / 4P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
KBP2005 DYELEC-KBP2005 Datasheet
192Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
KBP2005G DYELEC-KBP2005G Datasheet
194Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG2KB05G DYELEC-UG2KB05G Datasheet
433Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG2KB05A DYELEC-UG2KB05A Datasheet
433Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG2KB05 DYELEC-UG2KB05 Datasheet
442Kb / 2P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
RDB201 DYELEC-RDB201_17 Datasheet
2Mb / 3P
SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDB201S DYELEC-RDB201S_17 Datasheet
2Mb / 3P
SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UG2KB05 DYELEC-UG2KB05_17 Datasheet
1Mb / 3P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
KBP2005G SMCDIODE-KBP2005G_V01 Datasheet
403Kb / 5P
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com