Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSY8401 Datasheet(PDF) 13 Page - Analog Devices

Part # ADSY8401
Description  LCD Level Shifters with VCOM, NRS Buffers, and High Voltage Edge Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSY8401 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADSY8401 Datasheet HTML 8Page - Analog Devices ADSY8401 Datasheet HTML 9Page - Analog Devices ADSY8401 Datasheet HTML 10Page - Analog Devices ADSY8401 Datasheet HTML 11Page - Analog Devices ADSY8401 Datasheet HTML 12Page - Analog Devices ADSY8401 Datasheet HTML 13Page - Analog Devices ADSY8401 Datasheet HTML 14Page - Analog Devices ADSY8401 Datasheet HTML 15Page - Analog Devices ADSY8401 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADSY8401
Rev. 0 | Page 13 of 16
PCB DESIGN FOR OPTIMIZED THERMAL PERFORMANCE
The total maximum power dissipation of the ADSY8401 is
partly load-dependent. In a typical 60 Hz XGA system, the total
maximum power dissipation is ≈ 1 W. The ADSY8401 package
is designed to provide superior thermal characteristics, partly
through the exposed die paddle on the bottom surface of the
package. To take full advantage of this feature, the exposed
paddle must be in direct thermal contact with the PCB, which
then serves as a heat sink.
A thermally effective PCB must incorporate a thermal pad and
a thermal via structure. The thermal pad provides a solderable
contact surface on the top surface of the PCB. The thermal via
structure provides a thermal path to the inner and bottom
layers of the PCB to remove heat.
Thermal Pad Design
To minimize thermal performance degradation of production
PCBs, the contact area between the thermal pad and the PCB
should be maximized. Therefore, the size of the thermal pad on
the top PCB layer should match the exposed paddle. The second
thermal pad of the same size should be placed on the bottom
side of the PCB. At least one thermal pad should be in direct
thermal contact with an external plane such as AVCC or GND.
Thermal Via Structure Design
Effective heat transfer from the top to the inner and bottom
layers of the PCB requires thermal vias incorporated into the
thermal pad design. Thermal performance increases logarith-
mically with the number of vias. Near optimum thermal
performance of production PCBs is attained only when tightly
spaced thermal vias are placed on the full extent of the thermal
pad.
Table 6. Recommended Land Pattern Dimensions
Land Pattern
Dimensions
Top and Bottom Layers
Pad size
0.5 mm × 0.25 mm
Pad pitch
0.5 mm
Thermal pad size
5.25 mm × 5.25 mm
Thermal via structure
0.25 mm diameter vias on
0.5 mm grid
Thermal Pad and Thermal Via Connections
Thermal pads are connected to the AGND or AVCC plane. The
thermal pad on the solder side is connected to a plane. The use
of thermal spokes is not recommended when connecting the
thermal pads or via structure to the plane.
Solder Masking
To minimize the formation of solder voids due to solder flowing
into the via holes (solder wicking), the via diameter should be
small. Solder masking of the via holes on the top layer of the
PCB plugs the via holes, inhibiting solder flow into the holes. To
optimize the thermal pad coverage, the solder mask diameter
should be no more than 0.1 mm larger than the via diameter.
Table 7. Recommended Solder Mask Dimensions
Solder Mask
Dimensions
Top layer
Pads
Set by customer’s PCB design rules
Thermal vias
0.25 mm diameter circular mask centered
on the vias
Bottom layer
Set by customer’s PCB design rules
LAND PATTERN–BOTTOM LAYER
SOLDER MASK–TOP LAYER
LAND PATTERN–TOP LAYER
7mm
Figure 13. PCB Layers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com