Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSY8401 Datasheet(PDF) 3 Page - Analog Devices

Part # ADSY8401
Description  LCD Level Shifters with VCOM, NRS Buffers, and High Voltage Edge Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSY8401 Datasheet(HTML) 3 Page - Analog Devices

  ADSY8401 Datasheet HTML 1Page - Analog Devices ADSY8401 Datasheet HTML 2Page - Analog Devices ADSY8401 Datasheet HTML 3Page - Analog Devices ADSY8401 Datasheet HTML 4Page - Analog Devices ADSY8401 Datasheet HTML 5Page - Analog Devices ADSY8401 Datasheet HTML 6Page - Analog Devices ADSY8401 Datasheet HTML 7Page - Analog Devices ADSY8401 Datasheet HTML 8Page - Analog Devices ADSY8401 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADSY8401
Rev. 0 | Page 3 of 16
SPECIFICATIONS
At 25°C, AVCC = AVCCL = 15.5 V, DVCC = 3.3 V, TA min = 0°C, TA max = 85°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
Amp Section
INPUT/OUTPUT CHARACTERISTICS
Voltage Range
VH
AVCC − VH
1.5
2.5
V
VL
VL − AGND
1.1
1.5
V
Output Voltage Grounded Mode
GSW = LOW
45
mV
Input Current
100
nA
Output Current
20
mA
Output Offset Voltage
VAMPI = 6 V, TA = 25°C
1.5
8
mV
Output Offset Voltage
VAMPI = 6 V, TA min to TA max
11
mV
PSRR
AVCC ± 10%, TA min to TA max
0.1
mV/V
Gain Error
VAMPI = 3 V to 10 V, TA min to TA max
0.07
0.12
%
OUTPUT DYNAMIC PERFORMANCE
TA min to TA max, VO = 5 V step, CL = 1 nF
−3 dB Bandwidth (Small Signal)
VO = 0.25 V p-p
5.2
MHz
Slew Rate
13
V/µs
Settling Time to 0.5%
TA min to TA max
0.5
1
µs
Overshoot
0.05
%
MUX Section
INPUT/OUTPUT CHARACTERISTICS
Voltage Range
VH
AVCC − VH
1.5
2.5
V
VL
VL − AGND
1.1
1.5
V
Output Voltage Grounded Mode
GSW = LOW
45
mV
Input Current
II MUXA, MUXB
100
nA
Output Current
20
mA
Output Offset Voltage
VMUXA, B = 7.5 V, TA = 25°C
1.5
8
mV
Output Offset Voltage
VMUXA, B = 7.5 V, TA min to TA max
11
mV
PSRR
AVCC ± 10%, TA min to TA max
0.1
mV/V
Gain Error
VMUXA, B 1.5 V to 12 V, TA min to TA max
0.07
0.12
%
SEL INPUT CHARACTERISTICS
IIH SEL
0.05
µA
IIL SEL
−0.7
µA
VTH SEL
1.65
V
VIH SEL
2
V
VIL SEL
0.8
V
OUTPUT DYNAMIC PERFORMANCE
VO = 5 V step, CL = 1 nF
−3 dB Bandwidth (Small Signal)
VO = 0.25 V p-p
5.2
MHz
Slew Rate
13
V/µs
Settling Time to 0.5%
TA min to TA max
0.5
1
µs
Overshoot
0.05
%
OUTPUT DYNAMIC PERFORMANCE
VO = 5 V step, CL = 15 pF
−3 dB Bandwidth (Small Signal)
VO = 0.25 V p-p
27
MHz
Slew Rate
13
V/µs
Settling Time to 0.5%
TA min to TA max
0.4
0.7
µs
Overshoot
0.1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com