Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPW1024 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MPW1024
Description  25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MPW1024 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MPW1024 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MPW1024 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MPW1024 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MPW1024 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MPW1024 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MPW1024 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MPW1024 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MPW1024 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
89
{18
702
{65
{1000
{15
MPW1047
89
{15
702
{83
{1250
{12
MPW1046
89
18
702
133
2000
15
MPW1044
89
15
702
166
2500
12
MPW1043
85
6.8
613
350
5000
5
MPW1042
82
3.9
25
10
461
400
5500
3.3
48
( 36 ~ 75 )
MPW1041
89
{18
1404
{65
{1000
{15
MPW1037
89
{15
1404
{83
{1250
{12
MPW1036
89
18
1404
133
2000
15
MPW1034
89
15
1404
166
2500
12
MPW1033
85
6.8
1225
350
5000
5
MPW1032
82
3.9
50
20
922
400
5500
3.3
24
( 18 ~ 36 )
MPW1031
88
{18
2841
{65
{1000
{15
MPW1027
88
{15
2841
{83
{1250
{12
MPW1026
88
18
2841
133
2000
15
MPW1024
88
15
2841
166
2500
12
MPW1023
84
6.8
2480
350
5000
5
MPW1022
81
3.9
100
40
1867
400
5500
3.3
12
( 9 ~ 18 )
MPW1021
% (Typ.)
VDC
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Over
Voltage
Protection
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
EN55022 Class A
Conducted EMI
Six-Sided Shielded, Metal Case
RFI
Free-Air Convection
Cooling
%
95
---
Humidity
]
+125
-50
Storage Temperature
]
+105
-40
Case
Operating Temperature
]
+50
-40
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Environmental Specifications
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
mW
5500
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
100
-0.7
48VDC Input Models
VDC
50
-0.7
24VDC Input Models
VDC
25
-0.7
12VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Notes :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Transient recovery time is measured to within 1%
error band for a step change in output load of 75%
to 100%.
3. Ripple & Noise measurement bandwidth is 0-20
MHz.
4. These power converters require a minimum
output loading to maintain specified regulation.
5. Operation under no-load conditions will not
damage these modules; however, they may not
meet all specifications listed.
6. All DC/DC converters should be externally fused at
the front end for protection.
7. Other input and output voltage may be available,
please contact factory.
8. Specifications subject to change without notice.
Absolute Maximum Ratings
MPW1000 Series
2
MINMAX
REV:0 2005/04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com