Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPW1024 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # MPW1024
Description  25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MPW1024 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  MPW1024 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MPW1024 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MPW1024 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MPW1024 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MPW1024 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MPW1024 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MPW1024 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MPW1024 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
# For each output
uF
330
330
1000
1000
10000
10000
Maximum Capacitive Load
Unit
{15V #
{12V #
15V
12V
5V
3.3V
Models by Vout
Capacitive Load
1500mA Slow - Blow Type
3000mA Slow - Blow Type
6000mA Slow - Blow Type
48V Input Models
24V Input Models
12V Input Models
Input Fuse Selection Guide
%
{11.0
{10.0
{9.0
% of nominal output voltage
Trim Up / Down Range
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Voltage Trim
10uS
150
140
130
120
110
100
90
80
70
60
100uS
1mS
10mS
100mS
50
40
30
20
10
0
48VDC Input Models
24VDC Input Models
12VDC Input Models
Input Voltage Transient Rating
MPW1000 Series
4
MINMAX
REV:0 2005/04



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com