Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDD-H-SPEC Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # LDD-H-SPEC
Description  DC-DC Constant Current Step-Down LED driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LDD-H-SPEC Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  LDD-H-SPEC Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LDD-H-SPEC Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LDD-H-SPEC Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LDD-H-SPEC Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LDD-H-SPEC Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LDD-H-SPEC Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
65%
70%
75%
80%
85%
90%
95%
100%
1
2
3456
789
10
11
12
13
14
300mA
350mA
500mA
600mA
700mA
1000mA
1200mA
1500mA
70%
75%
80%
85%
90%
95%
100%
12345
6
789
10
300mA
350mA
500mA
600mA
700mA
1000mA
1200mA
1500mA
75%
80%
85%
90%
95%
100%
12345
67
300mA
350mA
500mA
600mA
700mA
1000mA
1200mA
1500mA
80%
85%
90%
95%
100%
12
3
300 mA
350 mA
500 mA
600 mA
700 mA
1000 mA
1200mA
1500mA
DC-DC Constant Current Step-Down LED driver
LDD-H series
Efficiency VS Output Voltage(Number of LEDs)
Fig-1
12VDC input, 1~3 LEDs(Vf=3V)
Fig-2
24VDC input, 1~7 LEDs(Vf=3V)
Fig-3
36VDC input, 1~10 LEDs(Vf=3V)
Output Voltage(LEDs)
80%
85%
90%
95%
100%
12
3
80%
23
4
5
67
75%
1
80%
85%
90%
95%
100%
34
5
6
7
8
9
10
75%
70%
12
70%
65%
75%
4
5
6
7
8
9
10
11
12
13
14
13
2
300mA
350mA
500mA
600mA
700mA
1000mA
1200mA
1500mA
300mA
300mA
350mA
350mA
500mA
500mA
600mA
600mA
700mA
700mA
1000mA
1200mA
1500mA
1000mA
1200mA
1500mA
300mA
350mA
500mA
600mA
700mA
1000mA
1200mA
1500mA
Fig-4
48VDC input, 1~14 LEDs(Vf=3V)
Output Voltage(LEDs)
85%
90%
95%
100%
80%
85%
90%
95%
100%
Standard Application
+Vin
+Vout
-Vin
H: >2.5~6VDC or open circuit
L: <0.8VDC or short
-Vout
1st LED
Last LED
H
PWM
Dimming
LDD-H
L
0
255075100
Duty Cycle (%)
25
50
75
100
◎ During PWM dimming operation, the output current will change to
PWM style.
Tol : 3%(Typ.)
±
Derating Curve
Ta (
)
-40
0
25
50
71
65
85
50
25
75
100
100
71
for 600~1200mA
65
for 1500mA
85
for
300~500mA
Peak. Temp 240
10 sec. Max.
60 sec. Max.
(>220
)
220
Time(sec.)
Remark : The curve applies only to the " Hot Air Reflow Soldering"
0
50
100
150
220
240
Reflow Soldering Curve (for LDD-300~1000HS)
PWM Dimming Control
PWM
Signal
Output
Current
H(5V)
Max
L(0V)
0
OFF
OFF
OFF
ON
ON
100~1KHz
ON
File Name:LDD-H-SPEC
2022-05-24
Output Voltage(LEDs)
Output Voltage(LEDs)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com