Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDD-H-SPEC Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part # LDD-H-SPEC
Description  DC-DC Constant Current Step-Down LED driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LDD-H-SPEC Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

  LDD-H-SPEC Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LDD-H-SPEC Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LDD-H-SPEC Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LDD-H-SPEC Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LDD-H-SPEC Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LDD-H-SPEC Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DC-DC Constant Current Step-Down LED driver
LDD-H series
File Name:LDD-H-SPEC 2022-05-24
MPQ
Per Tube
(PCS)
15
LDD-HS
Unit : mm
250g
600
10.8Kg
Max. Q’TY/
Carton(PCS)
One Carton
G.W.
Standard Tube Packing
One Tube
G.W.
Tube pattern
510
Product
Tube Plugs
22
19.2
9
6
7
11.5
10.2
Unit : mm
CARTON
L600 x W230 x H220
W
L
H
Standard Tube Packing
Installation Manual
Please refer to : http://www.meanwell.com/manual.html



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com