Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPW1021 Datasheet(PDF) 7 Page - Minmax Technology Co., Ltd.

Part # MPW1021
Description  25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MPW1021 Datasheet(HTML) 7 Page - Minmax Technology Co., Ltd.

  MPW1021 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MPW1021 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MPW1021 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MPW1021 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MPW1021 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MPW1021 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MPW1021 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MPW1021 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Input Source Impedance
The power module should be connected to a low
ac-impedance input source. Highly inductive source
impedances can affect the stability of the power module.
In applications where power is supplied over long lines and
output loading is high, it may be necessary to use a capacitor
at the input to ensure startup.
Capacitor mounted close to the power module helps
ensure stability of the unit, it is recommended to use a good
quality low Equivalent Series Resistance (ESR < 1.0[ at 100
KHz) capacitor of a 33uF for the 12V input devices and a 10uF
for the 24V and 48V devices.
Output Ripple Reduction
A good quality low ESR capacitor placed as close as
practicable across the load will give the best ripple and noise
performance.
To reduce output ripple, it is recommended to use 4.7uF
capacitors at the output.
Maximum Capacitive Load
The MPW1000 series has limitation of maximum
connected capacitance at the output.
The power module may be operated in current limiting
mode during start-up, affecting the ramp-up and the startup
time.
For optimum performance we recommend 330uF
maximum capacitive load for dual outputs, 1000uF capacitive
load for 12V & 15V outputs and 10000uF capacitive load for
3.3V & 5V outputs.
The maximum capacitance can be found in the data sheet.
Thermal Considerations
Many conditions affect the thermal performance of the
power module, such as orientation, airflow over the module
and board spacing. To avoid exceeding the maximum
temperature rating of the components inside the power
module, the case temperature must be kept below 105°C.
The derating curves are determined from measurements
obtained in an experimental apparatus.
MPW1000 Series
REV:0 2005/04
MINMAX
7
+
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
DC Power
Source
+
-
Cin
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Com.
Dual Output
DC / DC
Converter
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Single Output
DC / DC
Converter
DUT
Position of air velocity
probe and thermocouple
50mm / 2in
Air Flow
15mm / 0.6in



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com