Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPW1021 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MPW1021
Description  25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MPW1021 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MPW1021 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MPW1021 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MPW1021 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MPW1021 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MPW1021 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MPW1021 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MPW1021 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MPW1021 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dual Output
+Vo
PWM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
Com.
-Vo
On/Off
Trim
OVP
OTP
OVP
Single Output
+Vo
PWM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
-Vo
On/Off
Trim
OVP
OTP
OVP
Block Diagram
Low Profile
EN55022
EMI
I/O Isolation
1500
VDC
Wide Range
2:1
More Power
High
Power
Density
Remote on/off
Protection
OTP
Protection
OVP
Minmax's MPW1000-Series power modules are low-profile dc-dc
converters that operate over input voltage ranges of 9-18VDC,
18-36VDC and 36-75VDC which provide precisely regulated output
voltages of 3.3V, 5V, 12V, 15V, {12V and {15VDC, specially addressing
data communication equipments, mobile battery driven equipments,
distributed power systems, telecommunication equipments, mixed
analog/digital subsystems, process/machine control equipments,
computer peripheral systems and industrial robot systems.
Packing up to 30W of power into a 2x1.6x0.37inch package, with
efficiencies as high as 89%, the MPW1000 includes continuous short
circuit protection, overvoltage protection, over temperature protection,
output trim function, remote on/off, six-sided shielded case and EN55022
Class A conducted noise compliance minimize design-in time, cost and
eliminate the need for external filtering.
Soft Start
Low Profile: 0.37”(9.3mm)
Output Trim
Over Temperature Protection
Over Voltage Protection
Remote On/Off Control
Six-Sided Shielding
Complies with EN55022 Class A
CSA1950 Safety Approval
MTBF > 1,000,000 Hours
1500VDC Isolation
Efficiency up to 89%
Key Features
25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW1000 Series
REV:0 2005/04
MINMAX
1


Similar Part No. - MPW1021

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPW1021 TOTAL-POWER-MPW1021 Datasheet
115Kb / 3P
MPW1000 25 - 30 Watts 2:1 Wide Input Range DC/DC Converters Single Outputs
logo
Minmax Technology Co., ...
MPW1021 MINMAX-MPW1021 Datasheet
314Kb / 6P
DC/DC CONVERTER 30W 2?쓝 1.6?쓝 0.4??Metal Package
logo
Total Power Internation...
MPW1021 TOTAL-POWER-MPW1021 Datasheet
488Kb / 8P
25~30W wide input range
More results

Similar Description - MPW1021

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
10W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW2500 MINMAX-MKW2500 Datasheet
240Kb / 8P
15W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW3000 MINMAX-MKW3000 Datasheet
230Kb / 8P
20W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
25-30W, Wide Input Range, Single Output DC/DC Converters
MPW2000 MINMAX-MPW2000 Datasheet
191Kb / 6P
25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW2100 MINMAX-MPW2100 Datasheet
179Kb / 8P
20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
UQQ7-15A MURATA-UQQ7-15A Datasheet
437Kb / 17P
Wide Input Range Single Output DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
UQQ-12 MURATA-UQQ-12 Datasheet
559Kb / 18P
Wide Input Range Single Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com