Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2DBS32212XEBEX Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI2DBS32212XEBEX
Description  1.8V, 32Gbps, Two-Channel, 2:1 Mux/Demux Delivers Low-Loss and High-Speed Signal Switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI2DBS32212XEBEX Datasheet(HTML) 1 Page - Diodes Incorporated

  PI2DBS32212XEBEX Datasheet HTML 1Page - Diodes Incorporated PI2DBS32212XEBEX Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
diodes.com
Announcement
New Product
The DIODES™ Advantage
Enables up to 32Gbs high-performance signal
multiplexing, even at 1.8V for reduced power consumption.
The
DIODES™ PI2DBS32212 is a high-
performance, high-speed, two-
differential channel, analog, passive
mux/demux switch.
The device can switch multiple serial
protocols up to data rates of 32Gbps
including PCIe® 5.0, USB4 Gen
2x1/Gen 3x1, Thunderbolt™ 3, and
SAS4 signals.
Its bidirectional operation enables the
PI2DBS32212 to operate as both a
differential signal-path multiplexer and
demultiplexer at data rates up to
32Gbps, offering low 10ps channel-to-
channel skew.
Based on a unique design technique,
Diodes Incorporated has been able to
optimize
the device’s dynamic electrical
characteristics, such as low insertion
loss, crosstalk, and return loss.
The PI2DBS32212 is packaged in the
tiny 2.5mm x 2.5mm X1QFN-24
package for space-constrained
applications.
1.8V, 32Gbps, Two-Channel, 2:1 Mux/Demux Delivers
Low-Loss and High-Speed Signal Switching
PI2DBS32212
Two-Differential Channel, 2-to-1 Mux and 1-to-2 Demux
Offers flexibility in number of channels and routing
capabilities
Supports Multiple Serial Protocols of up to 32Gbps
PCIe 5.0, USB4 Gen 2x1/Gen 3x1, Thunderbolt, and
SAS3/SAS4 signals
Low 1.8V Supply Voltage
Enables operation within portable devices, reducing power
consumption
Low Insertion and Return Losses: -2.7dB @ 16GHz and
-10.8dB @ 16GHz
Reduces signal attenuation
Very Small 2.5x2.5mm Footprint for 2-to-1 Differential
Muxes
Offers high-density solutions for portable applications
Applications
Servers
Storage devices
Networking systems
Workstations
High-performance PCs
All-in-one PCs
Desktops
Laptops
June 2022
The Diodes logo is a registered trademark of Diodes
Incorporated in the United States and other countries.
DIODES is a trademark of Diodes Incorporated in the
United States and other countries.
© 2022 Copyright Diodes Incorporated. All Rights
Reserved.
All other trademarks are the property of their respective
owners.


Similar Part No. - PI2DBS32212XEBEX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI2DBS16212A DIODES-PI2DBS16212A Datasheet
617Kb / 1P
1.8V, 20Gbps 2-Channel 2:1 Mux/De-Mux Switch
Rev 2 March 2021
PI2DBS16212AZREX DIODES-PI2DBS16212AZREX Datasheet
617Kb / 1P
1.8V, 20Gbps 2-Channel 2:1 Mux/De-Mux Switch
Rev 2 March 2021
logo
Pericom Semiconductor C...
PI2DBS212 PERICOM-PI2DBS212 Datasheet
911Kb / 10P
1.8V, 1.8GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI2DBS212QE PERICOM-PI2DBS212QE Datasheet
911Kb / 10P
1.8V, 1.8GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI2DBS212ZHE PERICOM-PI2DBS212ZHE Datasheet
911Kb / 10P
1.8V, 1.8GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
More results

Similar Description - PI2DBS32212XEBEX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3212 TI-HD3SS3212_15 Datasheet
1Mb / 25P
HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
logo
Pericom Semiconductor C...
PI3CH281 PERICOM-PI3CH281_15 Datasheet
396Kb / 7P
2-Channel 4:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH480 PERICOM-PI3CH480_15 Datasheet
430Kb / 8P
4-Channel 2:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
logo
Diodes Incorporated
PI3CH480 DIODES-PI3CH480_V01 Datasheet
824Kb / 11P
4-Channel 2:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
November 2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com