Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14N60G-TQ2-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 14N60G-TQ2-R
Description  14A, 600V N-CHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

14N60G-TQ2-R Datasheet(HTML) 6 Page - Unisonic Technologies

  14N60G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 14N60G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 14N60G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 14N60G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 14N60G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 14N60G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 14N60G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 14N60G-TQ2-R Datasheet HTML 8Page - Unisonic Technologies 14N60G-TQ2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
14N60-TC
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R205-542.A
TEST CIRCUITS AND WAVEFORMS
itching Test Circuit
Switching Waveforms
Gate Charge Test Circuit
Gate Charge Waveform
VDD
tp
Time
BVDSS
IAS
ID(t)
VDS(t)
Unclamped Inductive Switching Test Circuit
Unclamped Inductive Switching Waveforms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com