Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14N60G-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 14N60G-TQ2-R
Description  14A, 600V N-CHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

14N60G-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  14N60G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 14N60G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 14N60G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 14N60G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 14N60G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 14N60G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 14N60G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 14N60G-TQ2-R Datasheet HTML 8Page - Unisonic Technologies 14N60G-TQ2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
14N60-TC
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R205-542.A
14A, 600V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 14N60-TC are N-Channel enhancement mode
power field effect transistors (MOSFET) which are produced
using UTC’s proprietary, planar stripe, DMOS technology.
These devices are suited for high efficiency switch mode
power supply. To minimize on-state resistance, provide superior
switching performance, and withstand high energy pulse in the
avalanche and commutation mode the advanced technology has
been especially tailored.
FEATURES
* RDS(ON) ≤ 0.6Ω @ VGS=10V, ID=7.0A
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
14N60L-TA3-T
14N60G-TA3-T
TO-220
G
D
S
Tube
14N60L-TF3-T
14N60G-TF3-T
TO-220F
G
D
S
Tube
14N60L-TF1-T
14N60G-TF1-T
TO-220F1
G
D
S
Tube
14N60L-TQ2-T
14N60G-TQ2-T
TO-263
G
D
S
Tube
14N60L-TQ2-R
14N60G-TQ2-R
TO-263
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 14N60G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
14N60G-TF1-T UTC-14N60G-TF1-T Datasheet
281Kb / 7P
14A, 600V N-CHANNEL POWER MOSFET
2020
14N60G-TF2-T UTC-14N60G-TF2-T Datasheet
281Kb / 7P
14A, 600V N-CHANNEL POWER MOSFET
2020
14N60G-TF3-T UTC-14N60G-TF3-T Datasheet
281Kb / 7P
14A, 600V N-CHANNEL POWER MOSFET
2020
More results

Similar Description - 14N60G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HGTD7N60C3 HARRIS-HGTD7N60C3 Datasheet
153Kb / 6P
14A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD7N60B3S INTERSIL-HGTD7N60B3S Datasheet
92Kb / 7P
14A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Fairchild Semiconductor
HGTD7N60C3S FAIRCHILD-HGTD7N60C3S Datasheet
166Kb / 8P
14A, 600V, UFS Series N-Channel IGBTs
logo
Unisonic Technologies
14N50 UTC-14N50 Datasheet
198Kb / 6P
14A, 500V N-CHANNEL POWER MOSFET
UF450 UTC-UF450_11 Datasheet
237Kb / 6P
14A, 500V N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NGTB15N60R2FG ONSEMI-NGTB15N60R2FG Datasheet
737Kb / 7P
IGBT 600V, 14A, N-Channel
December 2014 - Rev. 1
logo
Will Semiconductor Ltd.
WNMD2183 WILLSEMI-WNMD2183 Datasheet
1Mb / 8P
Dual N-Channel, 12V, 14A, Power MOSFET
logo
Unisonic Technologies
14N60-ML UTC-14N60-ML Datasheet
281Kb / 7P
14A, 600V N-CHANNEL POWER MOSFET
2020
14N65-TC UTC-14N65-TC Datasheet
396Kb / 9P
14A, 650V N-CHANNEL POWER MOSFET
2019
logo
Rohm
R6014YND3 ROHM-R6014YND3 Datasheet
2Mb / 14P
Nch 600V 14A Power MOSFET
20221212 - Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com