Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14N65L-TQ2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 14N65L-TQ2-R
Description  14A, 650V N-CHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

14N65L-TQ2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  14N65L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 14N65L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 14N65L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 14N65L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 14N65L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 14N65L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 14N65L-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 14N65L-TQ2-R Datasheet HTML 8Page - Unisonic Technologies 14N65L-TQ2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
14N65-TC
Power MOSFET
UNISONIC TECHNOLOGIES CO., LTD
4 of 9
www.unisonic.com.tw
QW-R205-452.C
ELECTRICAL CHARACTERISTICS (T
C =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
650
V
Drain-Source Leakage Current
IDSS
VDS=650V, VGS=0V
10
µA
Gate-Source Leakage Current
IGSS
VGS=±30V, VDS=0V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=7.0A
0.52
0.7
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS=25V, VGS=0V, f=1MHz
1960
pF
Output Capacitance
COSS
200
pF
Reverse Transfer Capacitance
CRSS
11
pF
SWITCHING CHARACTERISTICS
Total Gate Charge
QG
VDS=300V, VGS=10V, ID=10A
IG=1mA (Note 1, 2)
41
nC
Gate-Source Charge
QGS
8
nC
Gate-Drain Charge
QGD
9.4
nC
Turn-On Delay Time
tD(ON)
VDD=300V, VGS=10V, ID =10A,
RG =25Ω (Note 1, 2)
26
ns
Turn-On Rise Time
tR
20
ns
Turn-Off Delay Time
tD(OFF)
130
ns
Turn-Off Fall Time
tF
32
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
14
A
Maximum Body-Diode Pulsed Current
ISM
28
A
Drain-Source Diode Forward Voltage
VSD
VGS=0V, IS=14A
1.4
V
Reverse Recovery Time
trr
VGS=0V, IS=14A, di/dt=100A/μs
364
ns
Reverse Recovery Charge
Qrr
4.5
μC
Notes: 1.
Pulse Test : Pulse width ≤300μs, Duty cycle ≤ 2%.
2. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com