Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14N65L-TQ2-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 14N65L-TQ2-R
Description  14A, 650V N-CHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

14N65L-TQ2-R Datasheet(HTML) 8 Page - Unisonic Technologies

  14N65L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 14N65L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 14N65L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 14N65L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 14N65L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 14N65L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 14N65L-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 14N65L-TQ2-R Datasheet HTML 8Page - Unisonic Technologies 14N65L-TQ2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
14N65-TC
Power MOSFET
UNISONIC TECHNOLOGIES CO., LTD
8 of 9
www.unisonic.com.tw
QW-R205-452.C
TYPICAL CHARACTERISTICS (Cont.)
Gate Threshold Voltage vs.
Junction Temperature
Junction Temperature, TJ (°C)
Source Current vs. Source-Drain
Voltage
Source-Drain Voltage, VSD (V)
Drain Current vs. Gate-Source
Voltage
Gate-Source Voltage, VGS (V)
Drain Current, ID (A)
-50
0
50
150
100
25°C
TA=150°C
Drain-Source On-Resistance vs.
Drain Current
TA=25°C
VGS=10V
Pulsed
TA=25°C
Pulsed
Drain Current vs. Junction
Temperature
Junction Temperature, TJ (°C)
0
25
50
75
100
125
150
0
2
4
6
10
8
ID=0.25mA
Pulsed
0.8
1.6
0
-40°C
Power Dissipation vs. Junction
Temperature
Junction Temperature, TJ (°C)
0
25
50
75
100
125
150
1
1.4
1.2
0.8
0.6
0.4
100
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
15
25
20
10
5
0
0.4
1.2
30
60
0
50
10
20
40
15
5
10
0
TO-220F1
TO-220F1
0
4
8
12
20
16
0.1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com