Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9101F Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # DM9101F
Description  10/100Mbps Ethernet Physical Layer Single Chip Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9101F Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button DM9101F Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
DM9101
10/100Mbps Ethernet Physical Layer Single Chip Transceiver
Final
13
Version: DM9101-DS-F03
July 22, 1999
•
MII Interface (continued)
•
TX_ER (transmit coding error) transitions
synchronously with respect to TX_CLK. If TX_ER is
asserted for one or more clock periods, and TX_EN is
asserted, the PHY will emit one or more symbols that
are not part of the valid data delimiter set somewhere in
the frame being transmitted.
•
RXD (receive data) is a nibble (4 bits) of data that are
sampled by the reconciliation sublayer synchronously
with respect to RX_CLK. For each RX_CLK period
which RX_DV is asserted, RXD (3:0) are transferred
from the PHY to the MAC reconciliation sublayer.
•
RX_CLK (receive clock) output to the MAC
reconciliation sublayer is a continuous clock that
provides the timing reference for the transfer of the
RX_DV, RXD, and RX_ER signals.
•
RX_DV (receive data valid) input from the PHY to
indicate the PHY is presenting recovered and decoded
nibbles to the MAC reconciliation sublayer. To interpret
a receive frame correctly by the reconciliation sublayer,
RX_DV must encompass the frame starting no later
than the Start-of-Frame delimiter and excluding any
End-Stream delimiter.
•
RX_ER (receive error) transitions synchronously with
respect to RX_CLK. RX_ER will be asserted for 1 or
more clock periods to indicate to the reconciliation
sublayer that an error was detected somewhere in the
frame being transmitted from the PHY to the
reconciliation sublayer.
•
CRS (carrier sense) is asserted by the PHY when
either the transmit or receive medium is non-idle and
deasserted by the PHY when the transmit and receive
medium are idle. Figure 2 depicts the behavior of CRS
during 10Base-T and 100Base-TX transmission.
TXD
Preamble
SFD
Data
EFD
Preamble
SFD
Data
ESD
J/K
SSD
T/R
10Base-T
100Base-TX
TXD
CRS
CRS
IDLE
IDLE
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com