Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9101F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DM9101F
Description  10/100Mbps Ethernet Physical Layer Single Chip Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9101F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DM9101F Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9101F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
DM9101
10/100Mbps Ethernet Physical Layer Single Chip Transceiver
2
Final
Version: DM9101-DS-F03
July 22, 1999
Table of Contents
General Description ................................................1
Block Diagram ........................................................1
Features .................................................................3
Pin Configuration: DM9101E LQFP.........................3
Pin Configuration: DM9101F QFP...........................4
Pin Description .......................................................5
Functional Description
MII Interface ......................................................12
100Base-TX Operation ......................................14
100Base-TX Transmit........................................14
100Base-TX Operation ......................................15
4B5B Encoder ...................................................15
Scrambler..........................................................15
Parallel to Serial Converter ................................15
NRZ to NRZI Encoder........................................15
MLT-3 Converter ...............................................15
MLT-3 Driver .....................................................15
4B5B Code Group .............................................16
100Base-TX Receiver........................................17
Signal Detect .....................................................17
Digital Adaptive Equalization..............................17
MLT-3 to NRZI Decoder.....................................17
Clock Recovery Module .....................................18
NRZI to NRZ .....................................................18
Serial to Parallel ................................................18
Descrambler ......................................................18
Code Group Alignment ......................................18
4B5B Decoder ...................................................18
10Base-T Operation ..........................................18
Collision Detection.............................................18
Carrier Sense ....................................................18
Auto-Negotiation................................................18
MII Serial Management......................................19
Serial Management Interface .............................19
Management Interface – Read Frame Structure .19
Management Interface – Write Frame Structure.19
Register Description .............................................20
- Key To Default....................................................20
Basic Mode Control Register (BMCR)
- Register 0...........................................................21
Basic Mode Status Register (BMSR)
- Register 1...........................................................22
PHY ID Identifier Register #1 (PHYIDR1)
- Register 2 .......................................................... 23
PHY ID Identifier Register #2 (PHYIDR2)
- Register 3 .......................................................... 24
Auto-negotiation Advertisement Register (ANAR)
- Register 4 .......................................................... 24
Auto-negotiation Link Partner Ability Register
(ANLPAR) - Register 5 ......................................... 25
Auto-negotiation Expansion Register (ANER)
- Register 6 .......................................................... 26
DAVICOM Specified Configuration Register (DSCR)
- Register 16......................................................... 26
DAVICOM Specified Configuration and Status
Register (DSCSR) - Register 17 ........................... 28
10Base-T Configuration / Status (10BTSCRCSR)
- Register 18......................................................... 29
Absolute Maximum Ratings .................................. 30
DC Electrical Characteristics ................................ 31
AC Characteristics................................................ 32
Timing Waveforms
MII-100Base-TX Transmit Timing Diagram ........ 33
MII-100Base-TX Receive Timing Diagram ......... 33
Auto-negotiation and Fast Link Pulse Timing ..... 34
MII-10Base-T Transmit Timing Diagram ............ 35
MII-10Base-T Receive Nibble Timing Diagram .. 35
10BASE-T SQE (Heartbeat) Timing Diagram..... 36
10BASE-T Jab and Unjab Timing Diagram ........ 36
MDIO Timing when OUTPUT by STA ................ 37
MDIO Timing when OUTPUT by DM9101.......... 37
Magnetics Selection Guide ................................... 38
Crystal Selection Guide ........................................ 38
Application Circuit (for reference only) .................. 40
Package Information............................................. 41
Ordering Information............................................. 42
Company Overview .............................................. 42
Contact Windows.................................................. 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com