Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR-W6251D Datasheet(PDF) 10 Page - Sanken electric

Part # STR-W6251D
Description  30 W-Universal Input/45 W-230 Vac Input PWM Switching Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-W6251D Datasheet(HTML) 10 Page - Sanken electric

Back Button STR-W6251D Datasheet HTML 6Page - Sanken electric STR-W6251D Datasheet HTML 7Page - Sanken electric STR-W6251D Datasheet HTML 8Page - Sanken electric STR-W6251D Datasheet HTML 9Page - Sanken electric STR-W6251D Datasheet HTML 10Page - Sanken electric STR-W6251D Datasheet HTML 11Page - Sanken electric STR-W6251D Datasheet HTML 12Page - Sanken electric STR-W6251D Datasheet HTML 13Page - Sanken electric STR-W6251D Datasheet HTML 14Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
30W-Universal Input/45W-230 Vac Input
PWM Switching Regulators
STR-W6251D
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
TYPICAL APPLICATION CIRCUIT
1
4
3
7
5
6
VCC
D/ST
FM /
ELP
S T R -W 6200D
S/O C P
VIIN (ac)
GND
OU T
GN D
FB
Option
Measurement Circuit 11
L
VDS
Vcc
18V
VGS
8V
VDS
IL
VDSpeak
VDD
t
VDD
VGS
1
D/ST S/OCP
VCC GND
FB
FM/
ELP
STR-W6200D
3
4
5
6
7
4
6
18V
1μF
VCC
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com