Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR-W6251D Datasheet(PDF) 15 Page - Sanken electric

Part # STR-W6251D
Description  30 W-Universal Input/45 W-230 Vac Input PWM Switching Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-W6251D Datasheet(HTML) 15 Page - Sanken electric

Back Button STR-W6251D Datasheet HTML 7Page - Sanken electric STR-W6251D Datasheet HTML 8Page - Sanken electric STR-W6251D Datasheet HTML 9Page - Sanken electric STR-W6251D Datasheet HTML 10Page - Sanken electric STR-W6251D Datasheet HTML 11Page - Sanken electric STR-W6251D Datasheet HTML 12Page - Sanken electric STR-W6251D Datasheet HTML 13Page - Sanken electric STR-W6251D Datasheet HTML 14Page - Sanken electric STR-W6251D Datasheet HTML 15Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
30W-Universal Input/45W-230 Vac Input
PWM Switching Regulators
STR-W6251D
15
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Asia-Pacific
China
Sanken Electric Hong Kong Co., Ltd.
Suite 1026, Ocean Centre
Canton Road, Tsimshatsui
Kowloon, Hong Kong
Tel: 852-2735-5262, Fax: 852-2735-5494
Sanken Electric (Shanghai) Co., Ltd.
Room 3202, Maxdo Centre
Xingyi Road 8, Changning District
Shanghai, China
Tel: 86-21-5208-1177, Fax: 86-21-5208-1757
Taiwan Sanken Electric Co., Ltd.
Room 1801, 18th Floor
88 Jung Shiau East Road, Sec. 2
Taipei 100, Taiwan R.O.C.
Tel: 886-2-2356-8161, Fax: 886-2-2356-8261
Japan
Sanken Electric Co., Ltd.
Overseas Sales Headquarters
Metropolitan Plaza Building
1-11-1 Nishi-Ikebukuro, Toshima-ku
Tokyo 171-0021, Japan
Tel: 81-3-3986-6164, Fax: 81-3-3986-8637
Korea
Sanken Electric Korea Co., Ltd.
Samsung Life Yeouido Building 16F
23-10, Yeouido-Dong, Yeongdeungpo-gu
Seoul 150-734, Korea
Tel: 82-2-714-3700, Fax: 82-2-3272-2145
Singapore
Sanken Electric Singapore Pte. Ltd.
150 Beach Road, #14-03 The Gateway West
Singapore 189720
Tel: 65-6291-4755, Fax: 65-6297-1744
Europe
Sanken Power Systems (UK) Limited
Pencoed Technology Park
Pencoed, Bridgend CF35 5HY, United Kingdom
Tel: 44-1656-869-100, Fax: 44-1656-869-162
North America
United States
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01606, U.S.A.
Tel: 1-508-853-5000, Fax: 1-508-853-7895
Allegro MicroSystems, Inc.
14 Hughes Street, Suite B105
Irvine, California 92618, U.S.A.
Tel: 1-949-460-2003, Fax: 1-949-460-7837
Worldwide Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com