Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP804 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MIP804
Description  Silicon MOS IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIP804 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MIP804 Datasheet HTML 1Page - Panasonic Semiconductor MIP804 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
unit: mm
1
Intelligent Power Devices (IPDs)
1: GND
6: VCP
2: GND
7: VCC
3: CIL
8: ENB
4: GND
9: RT1
5: ELD
10: RT2
SSONF-10D Package
E L
CIL
TR2
TR1
GND
VCC
VCP
RT1
RT2
ENB
+
-
GND
GND
ELD
7
6
8
910
35
4
2
1
Logic circuit
Oscillation
circuit
Step-up circuit
MIP803, MIP804
Silicon MOS IC
s Features
q Allowing downsizing of the sets through the reduction of a parts
count resulting from the voltage step-up utilizing a coil instead of
a transformer and employing the thin surface mounting package.
q Allowing low voltage drive (adaptable to a small and low-voltage
battery), or VCC = 3V or 1.5V drive
q Allowing to adjust the EL light brightness responding to changes in
oscillation frequency which can be changed by the external resistor.
s Applications
q EL drive
s Recommended Set
q Watches, pagers, portable CD players, cellular phones, MD play-
ers, display panels of remote controllers, and etc.
s Block Diagram
s Absolute Maximum Ratings (Ta = 25°C)
Parameter
Power supply voltage
Input voltage (ENB)
Output voltage (CIL)
Output voltage (ELD)
Output current (CIL)
Output current (ELD)
Allowable power dissipation
Operating ambient temperature
Channel temperature
Storage temperature
Symbol
VCC
VENB
VCIL
VELD
ICIL
IELD
PD
Topr
Tch
Tstg
Ratings
− 0.5 to 4
− 0.5 to V
CC + 0.5
− 0.5 to 220
− 0.5 to 220
60
120
150
−20 to +70
−20 to +125
−55 to +125
Unit
V
V
V
V
mA
mA
mW
°C
°C
°C
1
5
10
6
6.3±0.2
4.3±0.2
2 to 6˚
2 to 12˚


Similar Part No. - MIP804

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MIP805 PANASONIC-MIP805 Datasheet
35Kb / 2P
Silicon MOS IC
More results

Similar Description - MIP804

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MIP0221SY PANASONIC-MIP0221SY Datasheet
34Kb / 2P
Silicon MOS IC
MIP160 PANASONIC-MIP160 Datasheet
64Kb / 2P
Silicon MOS IC
MIP301 PANASONIC-MIP301 Datasheet
33Kb / 2P
Silicon MOS IC
MIP501 PANASONIC-MIP501 Datasheet
38Kb / 3P
Silicon MOS IC
MIP504 PANASONIC-MIP504 Datasheet
29Kb / 2P
Silicon MOS IC
MIP506 PANASONIC-MIP506 Datasheet
30Kb / 2P
Silicon MOS IC
MIP508 PANASONIC-MIP508 Datasheet
30Kb / 2P
Silicon MOS IC
MIP704 PANASONIC-MIP704 Datasheet
30Kb / 2P
Silicon MOS IC
MIP805 PANASONIC-MIP805 Datasheet
35Kb / 2P
Silicon MOS IC
MIP713 PANASONIC-MIP713 Datasheet
73Kb / 3P
Silicon MOS IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com