Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP804 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MIP804
Description  Silicon MOS IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIP804 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MIP804 Datasheet HTML 1Page - Panasonic Semiconductor MIP804 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Intelligent Power Devices (IPDs)
2
s Electrical Characteristics (V
CC = 2.5V/1.2V, VENB = 2.5V/1.2V, GND = 0, TC = 25 ± 2°C)
Parameter
Supply voltage
Output frequency
Change of output
frequency
High level input
voltage (ENB)
Low level input
voltage (ENB)
Output
(TR1)
Output
(TR2)
Clime power the inside
voltage
Statically consumption
current
Consumption current
Symbol
VCC
fOSC
∆f
v
Note)
VIH
VIL
VDSS
IDS
RON
IOFF
VDSS
IDS
RON
IOFF
VCP
IC
ICC
Conditions
RT = 390kΩ
RT = 240kΩ
RT = 390kΩ
RT = 240kΩ
VCC = 1.5 to 3.5V
VCC = 0.9 to 3.3V
VCC = 1.5 to 3.5V
VCC = 0.9 to 3.3V
IOFF(TR1) = 0.1mA
VDS(TR1) = 20V
IDS(TR1) = 10mA
VDS(TR1) = 160V
IOFF(TR2) = 0.1mA
VDS(TR2) = 20V
IDS(TR2) = 10mA
VDS(TR2) = 160V
VCC = VENB = 1.5V, CCP = 1000pF, RT = 390kΩ
VCC = VENB = 0.9V, CCP = 1000pF, RT = 240kΩ
VCC = 3.5V, VENB = 0
VCC = 3.3V, VENB = 0
VCC = VENB = 3.5V, RT = 390kΩ
VCC = VENB = 3.3V, RT = 240kΩ
min
1.5
0.9
119
195
−7
−15
1
0.8
200
70
60
200
15
10
0.5
0.7
2
2
typ
2.5
140
230
6.5
0.75
1
1
1
max
3.5
3.5
161
265
7
15
0.3
0.1
10
15
2
1
1.4
2
0.1
0.1
1.5
1.5
Unit
V
kHz
%
V
V
V
mA
Ω
µA
V
mA
k
Ω
µA
V
µA
mA
MIP803, MIP804
Note:
∆f
v: Caluculation is made as follows:
∆f
v = (fosc /
f1 + f2 − 1) × 100
2
MIP803
f1: fosc at VCC = 1.5V, f2: fosc at VCC = 3.5V
MIP804
f1: fosc at VCC = 0.9V, f2: fosc at VCC = 3.5V
s Pin Descriptions
Pin No.
1
2
3
4
5
6
7
8
9
10
Symbol
GND
GND
CIL
GND
ELD
VCP
VCC
ENB
RT1
RT2
Description
GND pin
GND pin
Drain pin of the voltage step-up MOS FET
GND pin
Drain pin of the EL drive MOS FET
Capacitor connection pin for internal voltage step-up power supply
Power input pin
ENABLE signal input pin for controlling the EL driver (if ENB = H, the EL
driver becomes ON and if ENB = L/OPEN, it becomes OFF)
Internal oscillation circuit output pin
OSC resistor connection pin for connecting the OSC resistor between RT1 and RT2
Breakdown voltage
Saturation
current
ON-state
resistance
Off-leakage current
Breakdown voltage
Saturation
current
ON-state
resistance
Off-leakage current
MIP803
MIP804
MIP803
MIP804
MIP803
MIP804
MIP803
MIP804
MIP803
MIP804
MIP803
MIP804
MIP803
MIP804
MIP803
MIP804
MIP803
MIP804
MIP803
MIP804
MIP803
MIP804
MIP803
MIP804
Pin Name
GND pin
GND pin
Output for voltage step-up
GND pin
Output for EL driving
Internal voltage step-up pin
Power input pin
ENABLE pin
Internal oscillation output
OSC resistor connecting pin



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com