Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4215CUFD-3 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4215CUFD-3
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215CUFD-3 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4215CUFD-3 Datasheet HTML 17Page - Linear Technology LTC4215CUFD-3 Datasheet HTML 18Page - Linear Technology LTC4215CUFD-3 Datasheet HTML 19Page - Linear Technology LTC4215CUFD-3 Datasheet HTML 20Page - Linear Technology LTC4215CUFD-3 Datasheet HTML 21Page - Linear Technology LTC4215CUFD-3 Datasheet HTML 22Page - Linear Technology LTC4215CUFD-3 Datasheet HTML 23Page - Linear Technology LTC4215CUFD-3 Datasheet HTML 24Page - Linear Technology LTC4215CUFD-3 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC4215-1/LTC4215-3
21
421513fc
Figure 12. Control Logic for GPIO2 Pin
4215 TA02
RISING
EDGE
DETECT
IQ
RISING
EDGE
DETECT
IQ
STATUS BIT C0
ALERT ENABLE BIT B0
POWER ON RESET
I2C ADDRESS ACK
STATUS BIT C5
ALERT ENABLE BIT B5
REGISTER BIT D6
GPIO2 PIN
S
R
Q
APPLICATIONS INFORMATION
Acknowledge
The acknowledge signal is used in handshaking between
transmitter and receiver to indicate that the last byte of
data was received. The transmitter always releases the
SDA line during the acknowledge clock pulse. When the
slave is the receiver, it pulls down the SDA line so that it
remains LOW during this pulse to acknowledge receipt
of the data. If the slave fails to acknowledge by leaving
SDA high, then the master may abort the transmission by
generating a STOP condition. When the master is receiv-
ing data from the slave, the master pulls down the SDA
line during the clock pulse to indicate receipt of the data.
After the last byte has been received the master leaves
the SDA line HIGH (not acknowledge) and issues a stop
condition to terminate the transmission.
Write Protocol
The master begins communication with a START con-
dition followed by the seven bit slave address and the
R/W bit set to zero, as shown in Figure 7. The addressed
LTC4215-1/LTC4215-3 acknowledge this and then the
master sends a command byte which indicates which
internal register the master wishes to write. The LTC4215-
1/LTC4215-3 acknowledge this and then latch the lower
three bits of the command byte into its internal Register
Address pointer. The master then delivers the data byte
and the LTC4215-1/LTC4215-3 acknowledge once more
and latch the data into its control register. The transmis-
sion is ended when the master sends a STOP condition.
If the master continues sending a second data byte, as
in a Write Word command, the second data byte is ac-
knowledged by the LTC4215-1/LTC4215-3 but ignored,
as shown in Figure 8.
Read Protocol
The master begins a read operation with a START condition
followed by the seven bit slave address and the R/W bit set
to zero, as shown in Figure 9. The addressed LTC4215-1/
LTC4215-3 acknowledge this and then the master sends
a command byte which indicates which internal register
the master wishes to read. The LTC4215-1/LTC4215-3
acknowledge this and then latch the lower three bits of the
command byte into its internal Register Address pointer.
ThemasterthensendsarepeatedSTARTconditionfollowed
by the same seven bit address with the R/W bit now set
to one. The LTC4215-1/LTC4215-3 acknowledge and send
the contents of the requested register. The transmission
is ended when the master sends a STOP condition. If the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com