Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2T0-020-C-R0100FRE3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # D2T0-020-C-R0100FRE3
Description  Surface Mount Power Resistor Thick Film Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D2T0-020-C-R0100FRE3 Datasheet(HTML) 5 Page - Vishay Siliconix

  D2T0-020-C-R0100FRE3 Datasheet HTML 1Page - Vishay Siliconix D2T0-020-C-R0100FRE3 Datasheet HTML 2Page - Vishay Siliconix D2T0-020-C-R0100FRE3 Datasheet HTML 3Page - Vishay Siliconix D2T0-020-C-R0100FRE3 Datasheet HTML 4Page - Vishay Siliconix D2T0-020-C-R0100FRE3 Datasheet HTML 5Page - Vishay Siliconix D2T0-020-C-R0100FRE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
D2TO20
www.vishay.com
Vishay Sfernice
Revision: 15-Feb-2022
5
Document Number: 51055
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IMPEDANCE CURVE 10 Ω to 1 kΩ from 100 kHz to 300 MHz
MARKING
Model, style, resistance value (in
Ω), tolerance (in %),
manufacturing date, Vishay Sfernice trademark
10
100
1000
10000
0.30
0.50
0.70
0.90
1.10
1.30
1.50
1.70
1.90
100 kHz
1 MHz
10 MHz
100 MHz
1000 MHz
Frequency (Hz)
10 Ω
1000 Ω
470 Ω
250 Ω
50 Ω, 75 Ω, 100 Ω
25 Ω
1.00
300 MHz
Axis Title
PACKAGING
•Reel
•Tube
• Tape dimensions (mm) for reel:
16
11
16.4
24
5.3
ORDERING INFORMATION
D2TO
020
C
100 K
Ω
± 1 %
XXX
e3
MODEL
STYLE
CONNECTIONS
RESISTANCE
VALUE
TOLERANCE
CUSTOM DESIGN
LEAD (Pb)-FREE
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
Optional on request:
shape, etc.
SAP PART NUMBERING GUIDELINES
GLOBAL
MODEL
SIZE
LEADS
OHMIC VALUE
TOLERANCE
PACKAGING
LEAD (Pb)-FREE
D2TO
020
C = surface-mount
The first four digits are
significant figures and the
last digit specifies the
number of zeros to follow.
R
designates
decimal
point.
48R70 = 48.7
Ω
48701 = 48 700
Ω
10002 = 100 000
Ω
R0100 = 0.01
Ω
R6800 = 0.68
Ω
27000 = 2700
Ω = 2.7 kΩ
F = 1 %
G = 2 %
J = 5 %
K = 10 %
R = reel 500 pieces
T = tube 50 pieces
E3 = pure tin
02
0
C
R
2
0
0
R
3
T
D
O
2
0K
E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com