Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2T0-020-C-R0100FRE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # D2T0-020-C-R0100FRE3
Description  Surface Mount Power Resistor Thick Film Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D2T0-020-C-R0100FRE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  D2T0-020-C-R0100FRE3 Datasheet HTML 1Page - Vishay Siliconix D2T0-020-C-R0100FRE3 Datasheet HTML 2Page - Vishay Siliconix D2T0-020-C-R0100FRE3 Datasheet HTML 3Page - Vishay Siliconix D2T0-020-C-R0100FRE3 Datasheet HTML 4Page - Vishay Siliconix D2T0-020-C-R0100FRE3 Datasheet HTML 5Page - Vishay Siliconix D2T0-020-C-R0100FRE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
D2TO20
www.vishay.com
Vishay Sfernice
Revision: 15-Feb-2022
3
Document Number: 51055
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CHOICE OF THE BOARD
The user must choose the board according to the working conditions of the component (power, room temperature). Maximum
working temperature must not exceed 175 °C. The dissipated power is simply calculated by the following ratio:
P:
expressed in W
ΔT:
difference between maximum working temperature and room temperature or fluid cooling temperature
RTH (j - c): thermal resistance value measured between resistive layer and outer side of the resistor. It is the thermal resistance
of the component: 6.5 °C/W.
RTH (c - h): thermal resistance value measured between outer side of the resistor and upper side of the board. This is the thermal
resistance of the solder layer.
RTH (h - a): thermal resistance of the board.
Example:
RTH (c - h) + RTH (h - a) for D2TO20 power rating 2.5 W at ambient temperature +25 °C.
Thermal resistance RTH (j - c): 6.5 °C/W
Considering equation (1) we have:
ΔT = 155 °C - 25 °C = 130 °C
RTH (j - c) + RTH (c - h) + RTH (h - a) =
ΔT/P = 130/2.5 = 52 °C/W
RTH (c - h) + RTH (h - a) = 52 °C/W - 6.5 °C/W = 45.5 °C/W
Single Pulse:
These informations are for a single pulse on a cold resistor at 25 °C (not already used for a dissipation) and for pulses of
100 ms maximum duration.
The formula used to calculate E is:
with:
E (J): pulse energy
P (W): pulse power
t (s):
pulse duration
U (V): pulse voltage
R (Ω): resistor
The energy calculated must be less than that allowed by the graph.
P
ΔT
R
TH (j - c)
R
TH (c - h)
R
TH (h - a)
++
-------------------------------------------------------------------------------------------
1
()
=
E
P x t
U
2
R
--------
x t
==



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com