Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1M44-R-2830-01-H Datasheet(PDF) 1 Page - Samtec, Inc

Part # T1M44-R-2830-01-H
Description  .050" C.L. DISCRETE WIRE TERMINAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

T1M44-R-2830-01-H Datasheet(HTML) 1 Page - Samtec, Inc

  T1M44-R-2830-01-H Datasheet HTML 1Page - Samtec, Inc T1M44-R-2830-01-H Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THIS DOCUMENT CONTAINS CONFIDENTIAL AND
PROPRIETARY INFORMATION AND ALL DESIGN,
MANUFACTURING, REPRODUCTION, USE, PATENT RIGHTS
AND SALES RIGHTS ARE EXPRESSLY RESERVED BY SAMTEC,
INC. THIS DOCUMENT SHALL NOT BE DISCLOSED, IN WHOLE
OR PART, TO ANY UNAUTHORIZED PERSON OR ENTITY NOR
REPRODUCED, TRANSFERRED OR INCORPORATED IN ANY
OTHER PROJECT IN ANY MANNER WITHOUT THE EXPRESS
WRITTEN CONSENT OF SAMTEC, INC.
PROPRIETARY NOTE
*
*
DO NOT
SCALE FROM
THIS PRINT
-GF: 3µ" GOLD FLASH IN CONTACT AREA,
3µ" GOLD ON TAIL
-G: 10µ" LIGHT GOLD IN CONTACT AREA,
3µ" GOLD ON TAIL
-H: 30µ" HEAVY GOLD IN CONTACT AREA,
3µ" GOLD ON TAIL
PLATING SPECIFICATION
-2830: 28-30 AWG
LEAD STYLE
T1M44-X-XXXX-01-XX
(*= FOR EXISTING CUSTOMERS ONLY)
.0150
.693
.150
.0500 (TYP)
.618
.095
.150
.584
"B"
"B"
"A"
"A"
CARRIER SPECIFICATIONS
.038
.035
R.008
SECTION "B"-"B"
SCALE 16 : 1
.057
.054
R.014
SECTION "A"-"A"
SCALE 16 : 1
.034
.523
.334
.070
.383
.483
.030
.025
.130
ALL DIMENSIONS ARE REFERENCE
(SEE T-1M44-XXXX-XX FOR CONTROL PRINT)
SUPPLIED
*-L: LOOSE
-R: REEL
-M: MINI REEL
NOTES:
1. PLATED T-1MM PARTS ARE TO BE UNWOUND THEN REWOUND AND COUNTED,
POSITIONED AS SHOWN ON SAMTEC REEL WITH VIEWPORTS, LABELED T1M44
WITH APPROPRIATE PLATE CALL OUT AND LABEL PLACED AS SHOWN.
2. MAXIMUM ALLOWABLE SPLICES PER REEL:
-R: 2
-M: 1
3. SPLICES ARE NOT TO BE CONNECTED.
4. NUMBER OF SPLICES TO BE MARKED ON EACH REEL.
5. REELED PARTS TO BE INTERLEAVED WITH PAPER BETWEEN EACH LAYER OF PARTS.
6. ALLOWABLE INTERLEAF SPLICES PER REEL:
-R: 3
-M: 1
7. SECURELY CONNECT INTERLEAF SPLICE.
8. OUTER WRAP SHALL RECEIVE RB-24-1.00-P PROTECTIVE REEL BAND.
9. DUE TO PLATING REQUIREMENTS CONTACT SAMPLES MAY BE REMOVED
INTERMITTINGLY FROM THE BANDOLIER RESULTING IN SMALL GAPS BUT DOES
NOT AFFECT FINAL COUNT.
10.QTY PER REEL:
-R: 35,000 +100/-0 PCS
-M: 5,000 +300/-0 PCS
FIG 1
(T-1M44-2830-01-XX SHOWN)
SHEET OF
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES.
TOLERANCES ARE:
DECIMALS
ANGLES
MATERIAL:
.050" C.L. DISCRETE WIRE TERMINAL
BY:
T1M44-X-XXXX-01-XX
DWG. NO.
DESCRIPTION:
DO NOT SCALE DRAWING
2
1
SHEET SCALE: 8:1
BeCu
F:\DWG\MISC\MKTG\T1M44-X-XXXX-01-XX-MKT.SLDDRW
THICKNESS: .0050
520 PARK EAST BLVD, NEW ALBANY, IN 47150
PHONE: 812-944-6733
FAX: 812-948-5047
e-Mail: info@SAMTEC.com
code: 55322
G. PURVIS 12/21/2007
REVISION J


Similar Part No. - T1M44-R-2830-01-H

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
T1M SAMTEC-T1M Datasheet
204Kb / 1P
(1.00 mm) .0394" PITCH • DISCRETE WIRE TERMINAL STRIP
T1M-02-F-SH-L-K-FR SAMTEC-T1M-02-F-SH-L-K-FR Datasheet
204Kb / 1P
(1.00 mm) .0394" PITCH • DISCRETE WIRE TERMINAL STRIP
T1M-02-F-SH-L-P-FR SAMTEC-T1M-02-F-SH-L-P-FR Datasheet
204Kb / 1P
(1.00 mm) .0394" PITCH • DISCRETE WIRE TERMINAL STRIP
T1M-02-F-SV-L-K-FR SAMTEC-T1M-02-F-SV-L-K-FR Datasheet
204Kb / 1P
(1.00 mm) .0394" PITCH • DISCRETE WIRE TERMINAL STRIP
T1M-02-F-SV-L-P-FR SAMTEC-T1M-02-F-SV-L-P-FR Datasheet
204Kb / 1P
(1.00 mm) .0394" PITCH • DISCRETE WIRE TERMINAL STRIP
More results

Similar Description - T1M44-R-2830-01-H

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91935-9004 MOLEX-91935-9004 Datasheet
106Kb / 2P
Picoflex짰 Discrete Wire
logo
AVX Corporation
009177003033006 AVX-009177003033006 Datasheet
236Kb / 5P
SSL - Discrete Wire IDC
009175003001006 AVX-009175003001006 Datasheet
368Kb / 5P
SSL - Discrete Wire IDC
00-9176-002-001-106 AVX-00-9176-002-001-106 Datasheet
368Kb / 9P
Discrete Wire IDC
00917500X001X06 AVX-00917500X001X06 Datasheet
368Kb / 5P
SSL - Discrete Wire IDC
logo
Samtec, Inc
ISDF-10-D-M SAMTEC-ISDF-10-D-M Datasheet
658Kb / 1P
DISCRETE WIRE COMPONENTS TOOLING
TC114-2830-L-S SAMTEC-TC114-2830-L-S Datasheet
209Kb / 2P
ACCLIMATE DISCRETE WIRE TERMINAL
T1M SAMTEC-T1M Datasheet
204Kb / 1P
(1.00 mm) .0394" PITCH • DISCRETE WIRE TERMINAL STRIP
SFSS SAMTEC-SFSS Datasheet
658Kb / 2P
(1.27 mm) .050" PITCH • DISCRETE WIRE ASSEMBLY/COMPONENTS
IPL1-102-01-L-S-RA-K-TR SAMTEC-IPL1-102-01-L-S-RA-K-TR Datasheet
191Kb / 1P
(2.54 mm) .100" PITCH • DISCRETE WIRE TERMINAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com