Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMOD4510AI4 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ZMOD4510AI4
Description  Gas Sensor Module for OAQ targeting NO2 & O3
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4510AI4 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ZMOD4510AI4 Datasheet HTML 4Page - Renesas Technology Corp ZMOD4510AI4 Datasheet HTML 5Page - Renesas Technology Corp ZMOD4510AI4 Datasheet HTML 6Page - Renesas Technology Corp ZMOD4510AI4 Datasheet HTML 7Page - Renesas Technology Corp ZMOD4510AI4 Datasheet HTML 8Page - Renesas Technology Corp ZMOD4510AI4 Datasheet HTML 9Page - Renesas Technology Corp ZMOD4510AI4 Datasheet HTML 10Page - Renesas Technology Corp ZMOD4510AI4 Datasheet HTML 11Page - Renesas Technology Corp ZMOD4510AI4 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ZMOD4510 Datasheet
© 2021 Renesas Electronics Corporation
8
June 30, 2021
4. Sensor Module Characteristics
The ZMOD4510 Gas Sensor Module detects typical gases based on studies and international standards for outdoor air quality. Characteristic
module parameters are shown in Table 5. The ZMOD4510 uses a sequence of applied temperatures in order to sample the air and report an
Air Quality Index (AQI) based on the EPA standardi. The sensor does not require an active or direct airflow onto the sensor module because
diffusion of ambient gas does not limit the sensor response time.
Important: The ZMOD4510 can also detect safety-relevant gases; however, the sensor module is not designed to detect these interferants
reliably and therefore it is not approved for use in any safety-critical or life-protecting applications. It must not be used in such applications, and
Renesas disclaims all liability for any such use.
Table 5.
Gas Sensor Module Characteristics
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit[a]
AQI
Air Quality Index
OAQ 1st Gen: Rating according to EPA
for ozone and nitrogen dioxide
0
500
OAQ 2nd Gen: Rating according to EPA
for ozone
0
500
Measurement Range
OAQ 1st Gen
Ozone (non-selective)
20
500
ppb
Nitrogen dioxide (non-selective)
20
500
ppb
Measurement Range
OAQ 2nd Gen
Ozone (selective)
20
500
ppb
NO2 cross sensitivity at 200ppb
25
AQI Level
RH
Humidity Range
Non-condensing
5
90
% RH
T
Temperature Range
Typical outdoor environment
-20
50
°C
Extended range
-40
65
°C
[a] The abbreviation ppb stands for “parts per billion” and is a molar ratio with the exponent of 10-9.
i
AirNow, US Environmental Protection Agency, Air Quality Index (AQI) Basics; available at: https://airnow.gov/index.cfm?action=aqibasics.aqi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com