Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMOD4510AI4 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ZMOD4510AI4
Description  Gas Sensor Module for OAQ targeting NO2 & O3
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4510AI4 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ZMOD4510AI4 Datasheet HTML 5Page - Renesas Technology Corp ZMOD4510AI4 Datasheet HTML 6Page - Renesas Technology Corp ZMOD4510AI4 Datasheet HTML 7Page - Renesas Technology Corp ZMOD4510AI4 Datasheet HTML 8Page - Renesas Technology Corp ZMOD4510AI4 Datasheet HTML 9Page - Renesas Technology Corp ZMOD4510AI4 Datasheet HTML 10Page - Renesas Technology Corp ZMOD4510AI4 Datasheet HTML 11Page - Renesas Technology Corp ZMOD4510AI4 Datasheet HTML 12Page - Renesas Technology Corp ZMOD4510AI4 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ZMOD4510 Datasheet
© 2021 Renesas Electronics Corporation
9
June 30, 2021
5. Gas Sensor Module Characteristics
The ZMOD architecture leverages different “Methods of Operation” which use time, temperature, and signatures from gases that enable unique
signals from a highly trained machine learning system and makes use of embedded artificial intelligence (AI) technology. This section discusses
the different operation modes of the ZMOD4510. Currently, two operation modes are released using the same ZMOD4510 hardware:
Family of Outdoor Air Quality (OAQ) software releases:
Operation Mode 1 – OAQ 1st Generation: Measurement of Air Quality
Operation Mode 2 – OAQ 2nd Generation: Selective Ozone featuring Ultra-Low Power
In addition, details for sensitivity, reliability, sample rates, and sensor module influences are explained in detail in the following sections. All
graphs and information show the typical responses that are to be expected from the sensor module upon exposure to a variety of test conditions.
For more information, including application notes, white papers, blog, and manuals, visit the ZMOD4510 product page.
5.1 Air Quality Standard
There are many sources of poor air, especially outdoors, that can elevate the Air Quality Index (AQI). Renesas has adopted the definition of Air
Quality and its impact on user health and comfort proposed by the US Environmental Protection Agency (EPA); see Table 6ii. Depending on its
operation mode, the ZMOD4510 Gas Sensor Module can detect the presence of elevated ozone (O3) and nitrogen dioxide (NO2) levels or
selectively ozone levels as described by the EPA. Additional information on this topic, chemical background information, and measurement
technologies is available in Renesas’ ZMOD4510 White Paper – Overview Outdoor Air Quality.
Table 6.
Air Quality Index Levels Described by the EPAii
Air Quality Index (AQI)
Level of Concern and Air
Quality Condition
O3 Concentration
1h average [ppb][a]
O3 Concentration
8h average [ppb]
NO2 Concentration
1h average [ppb]
Color Code
0 to 50
Good
0 to 62
0 to 54
0 to 53
Green
51 to 100
Moderate
63 to 124
55 to 70
54 to 100
Yellow
101 to 150
Unhealthy for Sensitive Groups
125 to 164
71 to 85
101 to 360
Orange
151 to 200
Unhealthy
165 to 204
86 to 105
361 to 649
Red
201 to 300
Very unhealthy
205 to 404
106 to 200
650 to 1249
Purple
301 to 500
Hazardous
405 to 604
-
1250 to 2049
Maroon
[a] For OAQ 1st Gen ozone is always considered from a 1-hour class; however, in case the 1-hour value is not available a linear approach was
assumed to calculate the AQI value.
5.2 Operation Mode 1: OAQ 1st Generation
This mode of operation allows a general measurement of Air Quality, including non-selective measurement of nitrogen dioxide (NO2) and ozone
(O3). With a sample rate of 60 seconds each concentration is considered from a 1-hour class; however, in case the 1-hour value is not available
by the EPA (“Good” and “Moderate” levels) a linear approach was assumed to calculate the AQI value. AQI values above 500 are considered
beyond the AQI. The reported AQI from the ZMOD4510 sensor is derived from the calculated NO2 and O3 concentration present.
ii
AirNow, US Environmental Protection Agency, Air Quality Index (AQI) Basics; available at: https://airnow.gov/index.cfm?action=aqibasics.aqi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com