Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5585 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP5585
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP5585 Datasheet HTML 20Page - Analog Devices ADP5585 Datasheet HTML 21Page - Analog Devices ADP5585 Datasheet HTML 22Page - Analog Devices ADP5585 Datasheet HTML 23Page - Analog Devices ADP5585 Datasheet HTML 24Page - Analog Devices ADP5585 Datasheet HTML 25Page - Analog Devices ADP5585 Datasheet HTML 26Page - Analog Devices ADP5585 Datasheet HTML 27Page - Analog Devices ADP5585 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
ADP5585
Data Sheet
Rev. C | Page 24 of 40
RPULL_CONFIG_A Register 0x17
Table 31. RPULL_CONFIG_A Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 6
R3_PULL_CFG
Read/write
00 = enable 300 kΩ pull-up resistor.
01 = enable 300 kΩ pull-down resistor.
10 = enable 100 kΩ pull-up resistor.
11 = disable all pull-up/pull-down resistors.
5 to 4
R2_PULL_CFG
Read/write
00 = enable 300 kΩ pull-up resistor.
01 = enable 300 kΩ pull-down resistor.
10 = enable 100 kΩ pull-up resistor.
11 = disable all pull-up/pull-down resistors.
3 to 2
R1_PULL_CFG
Read/write
00 = enable 300 kΩ pull-up resistor.
01 = enable 300 kΩ pull-down resistor.
10 = enable 100 kΩ pull-up resistor.
11 = disable all pull-up/pull-down resistors.
1 to 0
R0_PULL_CFG
Read/write
00 = enable 300 kΩ pull-up resistor.
01 = enable 300 kΩ pull-down resistor.
10 = enable 100 kΩ pull-up resistor.
11 = disable all pull-up/pull-down resistors.
ADP5585AC_Z-00-R7, ADP5585AC_Z-01-R7, ADP5585ACPZ-03-R7 Default = 0000 0000
ADP5585ACBZ-02-R7 Default = 1100 0011
ADP5585ACBZ-04-R7 Default = 0101 0101
RPULL_CONFIG_B Register 0x18
Table 32. RPULL_CONFIG_B Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 4
N/A
Reserved.
3 to 2
R5_PULL_CFG
Read/write
(Reserved except for ADP5585ACBZ-01-R7 options)
00 = enable 300 kΩ pull-up resistor.
01 = enable 300 kΩ pull-down resistor.
10 = enable 100 kΩ pull-up resistor.
11 = disable all pull-up/pull-down resistors.
1 to 0
R4_PULL_CFG
Read/write
00 = enable 300 kΩ pull-up resistor.
01 = enable 300 kΩ pull-down resistor.
10 = enable 100 kΩ pull-up resistor.
11 = disable all pull-up/pull-down resistors.
ADP5585AC_Z-00-R7, ADP5585AC_Z-01-R7, ADP5585ACPZ-03-R7 Default = 0000 0000
ADP5585ACBZ-02-R7 Default = 0000 0011
ADP5585ACBZ-04-R7 Default = 0000 0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com