Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1535 Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # MBR1535
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

MBR1535 Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  MBR1535 Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. MBR1535 Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Metal-semiconductor junction with guard ring
Epitaxial construction
Low forward voltage drop,low switching losses
High surge capability
MECHANICAL DATA
Case:JEDEC TO-220AC,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-750,Method 2026
Polarity: As marked
Weight: 0.08ounces,2.24 grams
Mounting position: Any
Ratings at 25 ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by20%.
3.Thermal resistance junction to ambient
NOTE: 1. Pulse test:300us pulse width,1% duty cycle.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
For use in low voltage,high frequencyinverters free
wheeling,and polarityprotection applications
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE: 35 --- 200 V
CURRENT: 15.0A
TO - 220AC
The plastic material carries U/L recognition 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
www.diode.co.kr
1.
SAMYANG ELECTRONICS
SAM YANG
15A0
( SINGLE CHIP )
MBR1535 --- MBR15200
MBR
MBR
MBR
MBR
MBR
MBR
MBR


Similar Part No. - MBR1535

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR1535 FAIRCHILD-MBR1535 Datasheet
44Kb / 3P
15 Ampere Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
MBR1535 MCC-MBR1535 Datasheet
98Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Shanghai Lunsure Electr...
MBR1535 CHENYI-MBR1535 Datasheet
74Kb / 2P
15Amp schottky barrier rectifier 20to100 volts
logo
Micro Commercial Compon...
MBR1535 MCC-MBR1535 Datasheet
101Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR1535 KERSEMI-MBR1535 Datasheet
831Kb / 2P
Metal of siliconrectifier, majonty carrier conducton
More results

Similar Description - MBR1535

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com