Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS2550 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # IPS2550
Description  Inductive Position Sensor IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2550 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button IPS2550 Datasheet HTML 35Page - Renesas Technology Corp IPS2550 Datasheet HTML 36Page - Renesas Technology Corp IPS2550 Datasheet HTML 37Page - Renesas Technology Corp IPS2550 Datasheet HTML 38Page - Renesas Technology Corp IPS2550 Datasheet HTML 39Page - Renesas Technology Corp IPS2550 Datasheet HTML 40Page - Renesas Technology Corp IPS2550 Datasheet HTML 41Page - Renesas Technology Corp IPS2550 Datasheet HTML 42Page - Renesas Technology Corp IPS2550 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
IPS2550 Datasheet
© 2022 Renesas Electronics Corporation
39
June 20, 2022
When the AGC is enabled, the normal operating range is:
▪
VDD/2 ±1.5V = 1.0 to 4.0V for 5V mode
▪
VDD/2 ±900mV = 0.75 to 2.55V for 3.3V mode or 5V mode (default)
When the AGC is disabled, the operating output voltage range is not limited and defined by the input voltage multiplied by the total gain in the
signal path. Note that the gain has to be set correctly otherwise the output voltage moves into the diagnostic ranges.
The limits for the diagnostic ranges are defined by the user. Typical diagnostic ranges are:
▪
Diagnostic low ≤ 3 to 5% VDD
▪
Diagnostic high ≥ 95 to 97%VDD.
For the IPS2550, the output voltage in diagnostic mode depends on the error condition and the value of the external pull-up or pull-down
resistors, see section 18.2.1.2 details.
The IPS2550 provides the following options for diagnostics indication through the analog outputs:
▪
Diagnostics indication on output pins disabled
▪
Diagnostics only on SIN_SCL and COS_SDA pins
▪
Diagnostics only on SINN and COSN pins
▪
Diagnostics on all four analog output pins
Each individually checked error can be enabled or disabled for diagnostics indication.
If diagnostic is enabled and an error occurs, the selected outputs are switched off. By connecting external pull-up or pull-down resistors, the
output voltage is either pulled towards VDD into the Diagnostic high range or pulled towards GND into the Diagnostic low range, see Figure 24.
Figure 24. Selection of Diagnostic Range
VDD
GND
VDD
GND
VDD
Pull-Up
resistor on
Receiver end
Diagnostic
High
VDD
GND
VDD
GND
VDD
Pull-Down
resistor on
Receiver end
Diagnostic
Low
Output
switched off
in error case
Output
switched off
in error case
Note that during programming through the analog outputs using the I2C interface, the SIN_SCL and COS_SDA pins need to be connected to
external pull-up resistors. If the Sensor module includes on-board pull-down resistors, the external pull-up resistors for programming must be
selected properly to provide adequate high levels that does not exceed the load current on the outputs. Therefore, if the IPS2550 is to be
programmed on module level, for example for end-of-line calibration, the use of pull-up resistors for diagnostics indication is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com