Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS2550 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # IPS2550
Description  Inductive Position Sensor IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IPS2550 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button IPS2550 Datasheet HTML 9Page - Renesas Technology Corp IPS2550 Datasheet HTML 10Page - Renesas Technology Corp IPS2550 Datasheet HTML 11Page - Renesas Technology Corp IPS2550 Datasheet HTML 12Page - Renesas Technology Corp IPS2550 Datasheet HTML 13Page - Renesas Technology Corp IPS2550 Datasheet HTML 14Page - Renesas Technology Corp IPS2550 Datasheet HTML 15Page - Renesas Technology Corp IPS2550 Datasheet HTML 16Page - Renesas Technology Corp IPS2550 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
IPS2550 Datasheet
© 2022 Renesas Electronics Corporation
13
June 20, 2022
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
V3VDDAUVF
VDDA under-voltage detection
An under-voltage alarm is created if
VDDA falls below these limits.
2.59
2.80
V
V3VDDAUVRr
VDDA under-voltage detection
An under-voltage alarm is cleared if
VDDA rises above these limits.
2.63
2.85
V
V3VDDAUVH
VDDA Under-voltage detection
hysteresis
45
mV
Table 8.
IPS2550 Electrical Characteristics, 5.0V Mode
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VDD5
Supply voltage
4.5
5.0
5.5
V
V5OVR
Over-voltage detection, VDD rising
An over-voltage alarm is created if
VDD rises above this limit
5.60
5.84
6.10
V
V5OVF
Over-voltage detection, VDD falling
An over-voltage alarm is cleared if
VDD falls below this limit
5.55
5.76
6.05
V
V5OVH
Over-voltage detection hysteresis
80
mV
V5UVR
Under-voltage detection, VDD falling
An under-voltage alarm is created
if VDD falls below this limit
4.10
4.33
4.45
V
V5UVF
Under-voltage detection, VDD rising
An under-voltage alarm is cleared
if VDD rises above this limit
4.20
4.40
4.49
V
V5UVH
Under-voltage detection hysteresis
70
mV
VDDA5
Analog supply voltage
Internally regulated. Connect a
capacitor CVA = 100nF between
VDDA and GND (see Table 6)
3.9
4.0
4.1
V
V5VDDAUVF
VDDA under-voltage detection
A VDDA under-voltage alarm is
triggered when VDDA falls below
these limits.
3.50
3.79
V
V5VDDAUVRr
VDDA under-voltage detection
A VDDA under-voltage alarm is
cleared if VDDA rises above these
limits.
3.60
3.87
V
V5VDDAUVH
VDDA Under-voltage detection
hysteresis
65
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com