Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP0603 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CMP0603
Description  CMP Series High Power Anti-Surge Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CMP0603 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CMP0603 Datasheet HTML 1Page - Bourns Electronic Solutions CMP0603 Datasheet HTML 2Page - Bourns Electronic Solutions CMP0603 Datasheet HTML 3Page - Bourns Electronic Solutions CMP0603 Datasheet HTML 4Page - Bourns Electronic Solutions CMP0603 Datasheet HTML 5Page - Bourns Electronic Solutions CMP0603 Datasheet HTML 6Page - Bourns Electronic Solutions CMP0603 Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CMP 0603 - F X - 1002 E LF
Model
CMP = High Power Anti-Surge Resistor
Size
0603 = 0603 Size
0805 = 0805 Size
1206 = 1206 Size
2010 = 2010 Size
2512 = 2512 Size
Resistance Tolerance
F = ±1 %
J = ±5 %
TCR (See Electrical Characteristics chart)
W = ±200 PPM/°C
X = ±100 PPM/°C
Resistance Value
1 % Tolerance:
<100 Ω..............“R” represents decimal point (example: 24R3 = 24.3 Ω)
≥100 Ω..............First three digits are significant, fourth digit represents number of zeros to follow
(example: 8252 = 82.5K Ω)
5 % Tolerance:
≥10 Ω................First two digits are significant, third digit represents number of zeros to follow
(example: 474 = 470K Ω)
Packaging
E = 5,000 pieces on 180 mm (7 inch) plastic reel, paper tape - CMP0603, CMP0805, CMP1206
4,000 pieces on 180 mm (7 inch) reel, plastic tape - CMP2010, CMP2512
Termination
LF = Tin-plated (RoHS Compliant)
How to Order
Performance Characteristics
Test
Procedure (IEC 60115-1)
Test Limits ΔR
Short Time Overload
5 times rated power for 5 seconds
1 % Tolerance: ≤ ± (1 % + 0.05 Ω)
5 % Tolerance ≤ ± (2 % + 0.05 Ω)
Temperature Cycling
Repeat 5 cycles as follows:
-55 °C (30 min.) --> 25 °C (2-3 min.)--> 155 °C (30 min.)
--> 25 °C (2~3 min.)
1 % Tolerance ≤ ± (0.5 % + 0.05 Ω)
5 % Tolerance ≤ ± (1 % + 0.05 Ω)
Load Life
1.5 hours at rated voltage followed by a pause of 0.5 hour at 70 ± 2 °C;
Cycle repeated for 1000 hours
1 % Tolerance ≤ ± (1 % + 0.05 Ω)
5 % Tolerance ≤ ± (3 % + 0.05 Ω)
Load Life with Humidity
40 ±2 °C with 90~95 % relative humidity;
DC rated voltage for 1.5 hours “ON”, 0.5 hour “OFF”;
Cycle repeated for 1000 hours
1 % Tolerance ≤ ± (1 % + 0.05 Ω)
5 % Tolerance ≤ ± (3 % + 0.05 Ω)
Resistance to Solder
Heat
260 ±5 °C for 10 ±1 seconds
1 % Tolerance ≤ ± (0.5 % + 0.05 Ω)
5 % Tolerance ≤ ± (1 %) + 0.05 Ω
Solderability
After immersing flux, dip in 245 ±2 °C molten solder bath for 3 ± 0.5
seconds
At least 95 % of termination must be
covered with solder..
Board Flex
Bending 2 mm
1 % Tolerance ≤ ± (0.5 % + 0.05 Ω)
5 % Tolerance ≤ ± (1 % + 0.05 Ω)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
CMP Series High Power Anti-Surge Chip Resistors



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com