Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP0603 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CMP0603
Description  CMP Series High Power Anti-Surge Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CMP0603 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CMP0603 Datasheet HTML 1Page - Bourns Electronic Solutions CMP0603 Datasheet HTML 2Page - Bourns Electronic Solutions CMP0603 Datasheet HTML 3Page - Bourns Electronic Solutions CMP0603 Datasheet HTML 4Page - Bourns Electronic Solutions CMP0603 Datasheet HTML 5Page - Bourns Electronic Solutions CMP0603 Datasheet HTML 6Page - Bourns Electronic Solutions CMP0603 Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rated Voltage
The rated voltage is calculated by the following formula:
V= P
X R
V: Rated Voltage (V)
P: Rated Power (W)
R: Resistance Value (Ω)
Construction
OVERCOAT
(BLACK)
CONDUCTOR
Sn PLATING
CERAMIC SUBSTRATE
RESISTIVE
ELEMENT
Ni PLATING
Soldering Profile
Derating Curve
Environmental Characteristics
Moisture Sensitivity Level ...........................................................1
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
CMP Series High Power Anti-Surge Chip Resistors
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
60 - 120 seconds
90 - 150
seconds
260 °C peak
190 °C
150 °C
220 °C
Ramp Down
6 °C/second
255 °C
Maximum of 20 seconds between
+255 °C and +260 °C
Ramp Up
3 °C/second maximum
10 seconds minimum
<1>
<1>
Ambient Temperature (°C)
70
155
100
-55



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com