Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC82002 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC82002
Description  DAC82002 16-Bit, Low-Glitch-Energy, Dual-Channel Voltage-Output, Unbuffered DAC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82002 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC82002 Datasheet HTML 2Page - Texas Instruments DAC82002 Datasheet HTML 3Page - Texas Instruments DAC82002 Datasheet HTML 4Page - Texas Instruments DAC82002 Datasheet HTML 5Page - Texas Instruments DAC82002 Datasheet HTML 6Page - Texas Instruments DAC82002 Datasheet HTML 7Page - Texas Instruments DAC82002 Datasheet HTML 8Page - Texas Instruments DAC82002 Datasheet HTML 9Page - Texas Instruments DAC82002 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6.6 Timing Requirements
all input signals are specified with tR = tF = 1 ns/V and timed from a voltage level of (VIL + VIH) / 2. 2.7 V ≤ VDD ≤ 5.5 V,
VIH = 1.62 V, VIL = 0.15 V, 2.0 V ≤ VREF ≤ 5.5 V, and TA = –40°C to +85°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
fSCLK
SCLK frequency
50
MHz
tSCLKHIGH
SCLK high time
9
ns
tSCLKLOW
SCLK low time
9
ns
tSDIS
SDIN setup
5
ns
tSDIH
SDIN hold
10
ns
tSYNCS
SYNC falling edge to SCLK falling edge setup
13
ns
tSYNCH
SCLK falling edge to SYNC rising edge
10
ns
tSYNCHIGH
SYNC high time
160
ns
tSYNCIGNORE
SCLK falling edge to SYNC ignore
15
ns
tDACWAIT
Sequential DAC update wait time
1
µs
6.7 Timing Diagram
t
SYNCS
t
SDIS
t
SDIH
SYNC
SDIN
t
SYNCHIGH
Bit 23
t
SCLKLOW
Bit 1
Bit 0
t
SYNCH
SCLK
t
SCLKHIGH
t
SYNCIGNORE
Figure 6-1. Timing Diagram
DAC82002
SBASAK1 – AUGUST 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DAC82002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com