Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC82002 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC82002
Description  DAC82002 16-Bit, Low-Glitch-Energy, Dual-Channel Voltage-Output, Unbuffered DAC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC82002 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC82002 Datasheet HTML 9Page - Texas Instruments DAC82002 Datasheet HTML 10Page - Texas Instruments DAC82002 Datasheet HTML 11Page - Texas Instruments DAC82002 Datasheet HTML 12Page - Texas Instruments DAC82002 Datasheet HTML 13Page - Texas Instruments DAC82002 Datasheet HTML 14Page - Texas Instruments DAC82002 Datasheet HTML 15Page - Texas Instruments DAC82002 Datasheet HTML 16Page - Texas Instruments DAC82002 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
7.6.1.4 BRDCAST Register (offset = 6h) [reset = 0000h when RSTSEL is logic low, or reset = 8000h when
RSTSEL is logic high]
Figure 7-7. BRDCAST Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
BRDCAST-DATA [15:0]
W-0000h when RSTSEL is logic low or 8000h when RSTSEL is logic high
Table 7-6. BRDCAST Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
BRDCAST-DATA [15:0]
W
0000h when
RSTSEL is
logic low
or
8000h when
RSTSEL is
logic high
Writing to the BRDCAST register forces the DAC channels that
are set to broadcast from the SYNC register to update the active
register data to the BRDCAST-DATA bits.
7.6.1.5 DAC-n Register (offset = 8h–9h) [reset = 0000h when RSTSEL is logic low, or reset = 8000h when
RSTSEL is logic high]
Figure 7-8. DAC-n Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DAC-n-DATA [15:0]
W-0000h when RSTSEL is logic low or 8000h when RSTSEL is logic high
Table 7-7. DAC-A Data Register Field Descriptions (8h)
Bit
Field
Type
Reset
Description
15-0
DAC-A-DATA [15:0]
W
0000h when
RSTSEL is
logic low
or
8000h when
RSTSEL is
logic high
Data are MSB aligned in straight binary format.
Table 7-8. DAC-B Data Register Field Descriptions (9h)
Bit
Field
Type
Reset
Description
15-0
DAC-B-DATA [15:0]
W
0000h when
RSTSEL is
logic low
or
8000h when
RSTSEL is
logic high
Data are MSB aligned in straight binary format.
www.ti.com
DAC82002
SBASAK1 – AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DAC82002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com