Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD341 Datasheet(PDF) 5 Page - Texas Instruments

Part # ESD341
Description  ESD341 1-Channel ± 30 kV ESD Protection Diode in 0201 Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD341 Datasheet(HTML) 5 Page - Texas Instruments

  ESD341_V01 Datasheet HTML 1Page - Texas Instruments ESD341_V01 Datasheet HTML 2Page - Texas Instruments ESD341_V01 Datasheet HTML 3Page - Texas Instruments ESD341_V01 Datasheet HTML 4Page - Texas Instruments ESD341_V01 Datasheet HTML 5Page - Texas Instruments ESD341_V01 Datasheet HTML 6Page - Texas Instruments ESD341_V01 Datasheet HTML 7Page - Texas Instruments ESD341_V01 Datasheet HTML 8Page - Texas Instruments ESD341_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
6.4 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted) (1)
PARAMETER
TEST CONDITION
MIN
TYP
MAX UNIT
VRWM
Reverse stand-off voltage
Pin 1 to Pin 2 or Pin 2 to Pin 1
-3.6
3.6
V
VBRF
Break-down voltage
IIO = 1 mA, Pin 1 to Pin 2
5
6.2
7.2
V
VBRR
Break-down voltage
IIO = -1 mA, Pin 2 to Pin 1
-7.2
-6.2
-5
V
VHOLD
Holding voltage (2)
TLP, Pin 1 to Pin 2 or Pin 2 to Pin 1
6.2
V
VClamp_TLP Clamp voltage with TLP (2)
IPP = 1 A, TLP, Pin 1 to Pin 2
6.3
V
IPP = 5 A, TLP, Pin 1 to Pin 2
7.4
IPP = 16 A, TLP, Pin 1 to Pin 2
10.2
IPP = 1 A, TLP, Pin 2 to Pin 1
6.3
IPP = 5 A, TLP, Pin 2 to Pin 1
7.4
IPP =16 A, TLP, Pin 2 to Pin 1
10.2
VClamp_Surge Clamp voltage with surge strike (4)
IPP = 5.4 A, tp = 8/20 µs , Pin 1 to Pin 2 or Pin 2 to Pin 1
8.8
V
ILEAK
Leakage current
VIO = 3.6 V, Pin 1 to Pin 2 or Pin 2 to Pin 1
5
100
nA
RDYN
Dynamic resistance (3)
Pin 1 to Pin 2
0.25
Ω
Pin 2 to Pin 1
CL
Line capacitance
VIO = 0 V; ƒ = 1 MHz, Pin 1 to Pin 2, TA = 25℃
0.66
pF
(1)
Typical parameters are measured at 25
(2)
Transition line pulse with 100 ns width and 10 ns rise and fall time
(3)
Extraction of RDYN using least squares fit of TLP characteristics between I = 10 A and I = 20 A
(4)
Nonrepetitive current pulse 8 to 20 µs exponentially decaying waveform according to IEC 61000-4-5
www.ti.com
ESD341
SLVSGV3A – APRIL 2022 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ESD341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com