Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD341 Datasheet(PDF) 2 Page - Texas Instruments

Part # ESD341
Description  ESD341 1-Channel ± 30 kV ESD Protection Diode in 0201 Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD341 Datasheet(HTML) 2 Page - Texas Instruments

  ESD341_V01 Datasheet HTML 1Page - Texas Instruments ESD341_V01 Datasheet HTML 2Page - Texas Instruments ESD341_V01 Datasheet HTML 3Page - Texas Instruments ESD341_V01 Datasheet HTML 4Page - Texas Instruments ESD341_V01 Datasheet HTML 5Page - Texas Instruments ESD341_V01 Datasheet HTML 6Page - Texas Instruments ESD341_V01 Datasheet HTML 7Page - Texas Instruments ESD341_V01 Datasheet HTML 8Page - Texas Instruments ESD341_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
Absolute Maximum Ratings.............................................. 4
6.1 ESD Ratings—JEDEC Specification...........................4
6.2 ESD Ratings—IEC Specification................................ 4
Recommended Operating Conditions...............................4
6.3 Thermal Information....................................................4
6.4 Electrical Characteristics.............................................5
6.5 Typical Characteristics................................................ 6
7 Detailed Description........................................................8
7.1 Overview..................................................................... 8
7.2 Functional Block Diagram........................................... 8
7.3 Feature Description.....................................................8
7.4 Device Functional Modes............................................8
8 Application and Implementation.................................... 9
8.1 Application Information............................................... 9
8.2 Typical Application...................................................... 9
9 Power Supply Recommendations................................11
10 Layout........................................................................... 11
10.1 Layout Guidelines................................................... 11
10.2 Layout Example...................................................... 11
11 Device and Documentation Support..........................12
11.1 Documentation Support.......................................... 12
11.2 Receiving Notification of Documentation Updates.. 12
11.3 Support Resources................................................. 12
11.4 Trademarks............................................................. 12
11.5 Electrostatic Discharge Caution.............................. 12
11.6 Glossary.................................................................. 12
12 Mechanical, Packaging, and Orderable
Information.................................................................... 12
12.1 Tape and Reel Information......................................14
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (April 2022) to Revision A (July 2022)
Page
• Changed the status of the datat sheet from: Advanced Information to: Production Data ..................................1
ESD341
SLVSGV3A – APRIL 2022 – REVISED JULY 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ESD341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com