Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK6C Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMK6C
Description  LMK6x High-Performance BAW Oscillator
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6C Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMK6C Datasheet HTML 3Page - Texas Instruments LMK6C Datasheet HTML 4Page - Texas Instruments LMK6C Datasheet HTML 5Page - Texas Instruments LMK6C Datasheet HTML 6Page - Texas Instruments LMK6C Datasheet HTML 7Page - Texas Instruments LMK6C Datasheet HTML 8Page - Texas Instruments LMK6C Datasheet HTML 9Page - Texas Instruments LMK6C Datasheet HTML 10Page - Texas Instruments LMK6C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
7.5 Thermal Information
THERMAL METRIC(1)
LMK6P/D/H
UNIT
DLE (VSON)
DLF (VSON)
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
101.2
107.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
58.6
70.1
°C/W
RθJB
Junction-to-board thermal resistance
31.3
39.4
°C/W
ΨJT
Junction-to-top characterization parameter
2.7
2.3
°C/W
ΨJB
Junction-to-board characterization parameter
31.1
39.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.6 Thermal Information
THERMAL METRIC(1)
LMK6C
UNIT
DLE
DLF
4 PINS
4 PINS
RθJA
Junction-to-ambient thermal resistance
124.8
128.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
61.2
73.2
°C/W
RθJB
Junction-to-board thermal resistance
42.5
39.8
°C/W
ΨJT
Junction-to-top characterization parameter
2.8
2.4
°C/W
ΨJB
Junction-to-board characterization parameter
42.3
39.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.7 Electrical Characteristics
Over Recommended Operating Conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current Consumption Characteristics
IDD
Device Power Consumption
LVPECL output, Fout ≤ 200 MHz(1)
60
TBD
mA
IDD
Device Power Consumption
LVPECL output, 200 MHz < Fout ≤
400MHz(1)
90
TBD
mA
IDD
Device Power Consumption
LVDS output, Fout ≤ 200 MHz(1)
52
TBD
mA
IDD
Device Power Consumption
LVDS output, 200 MHz < Fout ≤
400MHz(1)
80
TBD
mA
IDD
Device Power Consumption
LVCMOS output, Fout ≤ 200 MHz, CL =
No Load
50
TBD
mA
IDD-PD
Device Power-Down Current
OE = GND
TBD
mA
LVPECL Output Characteristics
Fout
Output Frequency
1
400
MHz
VOD
Output Voltage Swing (VOH - VOL)
AC Load, VDD = 3.3V
550
650
750
mV
VOD
Output Voltage Swing (VOH - VOL)
AC Load, VDD = 2.5V
500
600
700
mV
VOD
Output Voltage Swing (VOH - VOL)
AC Load, VDD = 1.8V
325
400
450
mV
VOD
Output Voltage Swing (VOH - VOL)
DC Load, VDD = 2.5 V/ 3.3V(2)
700
800
900
mV
VOD
Output Voltage Swing (VOH - VOL)
DC Load, VDD = 1.8 V(2)
500
600
700
mV
VOD,DIFF Differential Output peak-peak swing
2x|VOD|
V
VOS
Output Common Mode Voltage
VDD = 3.3 V(2)
1.5
1.6
1.7
V
VDD = 2.5 V(2)
0.825
0.9
0.975
V
VOS
Output Common Mode Voltage
VDD = 1.8 V(2)
0.45
0.5
0.55
V
www.ti.com
LMK6C
SNAS826A – APRIL 2022 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LMK6C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com